Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF081-MHN-Y Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AT25DF081-MHN-Y
Description  Minimum SPI Serial Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF081-MHN-Y Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AT25DF081-MHN-Y Datasheet HTML 2Page - List of Unclassifed Manufacturers AT25DF081-MHN-Y Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DF081-MHN-Y Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DF081-MHN-Y Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DF081-MHN-Y Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DF081-MHN-Y Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF081-MHN-Y Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF081-MHN-Y Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25DF081-MHN-Y Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
3674G–DFLASH–1/2013
AT25DF081
5. Device Operation
The AT25DF081 is controlled by a set of instructions that are sent from a host controller, com-
monly referred to as the SPI Master. The SPI Master communicates with the AT25DF081 via the
SPI bus which is comprised of four signal lines: Chip Select (CS), Serial Clock (SCK), Serial
Input (SI), and Serial Output (SO).
The SPI protocol defines a total of four modes of operation (mode 0, 1, 2, or 3) with each mode
differing in respect to the SCK polarity and phase and how the polarity and phase control the
flow of data on the SPI bus. The AT25DF081 supports the two most common modes, SPI
Modes 0 and 3. The only difference between SPI Modes 0 and 3 is the polarity of the SCK signal
when in the inactive state (when the SPI Master is in standby mode and not transferring any
data). With SPI Modes 0 and 3, data is always latched in on the rising edge of SCK and always
output on the falling edge of SCK.
Figure 5-1.
SPI Mode 0 and 3
6. Commands and Addressing
A valid instruction or operation must always be started by first asserting the CS pin. After the CS
pin has been asserted, the SPI Master must then clock out a valid 8-bit opcode on the SPI bus.
Following the opcode, instruction dependent information such as address and data bytes would
then be clocked out by the SPI Master. All opcode, address, and data bytes are transferred with
the most significant bit (MSB) first. An operation is ended by deasserting the CS pin.
Opcodes not supported by the AT25DF081 will be ignored by the device and no operation will be
started. The device will continue to ignore any data presented on the SI pin until the start of the
next operation (CS pin being deasserted and then reasserted). In addition, if the CS pin is deas-
serted before complete opcode and address information is sent to the device, then no operation
will be performed and the device will simply return to the idle state and wait for the next
operation.
Addressing of the device requires a total of three bytes of information to be sent, representing
address bits A23-A0. Since the upper address limit of the AT25DF081 memory array is
0FFFFFh, address bits A23-A20 are always ignored by the device.
SCK
CS
SI
SO
MSB
LSB
MSB
LSB


Similar Part No. - AT25DF081-MHN-Y

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF081-MHN-Y ATMEL-AT25DF081-MHN-Y Datasheet
784Kb / 38P
   8-megabit 1.65-volt Minimum SPI Serial Flash Memory
More results

Similar Description - AT25DF081-MHN-Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DF041A ETC2-AT25DF041A_13 Datasheet
746Kb / 42P
   Minimum SPI Serial Flash Memory
AT25DF161 ETC2-AT25DF161_13 Datasheet
3Mb / 52P
   Minimum SPI Serial Flash Memory
AT26DF081A ETC2-AT26DF081A_13 Datasheet
763Kb / 40P
   Minimum SPI Serial Flash Memory
AT25DF081A ETC2-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT25DF081A DIALOG-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT25DF081A RENESAS-AT25DF081A Datasheet
1Mb / 53P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
2/2022
logo
ATMEL Corporation
AT25DF641 ATMEL-AT25DF641 Datasheet
1Mb / 59P
   64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF081 ATMEL-AT25DF081 Datasheet
784Kb / 38P
   8-megabit 1.65-volt Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT25DF041B DIALOG-AT25DF041B Datasheet
490Kb / 4P
   4-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
AT25DF011 DIALOG-AT25DF011 Datasheet
485Kb / 3P
   1-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com