Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF641-MWH-Y Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AT25DF641-MWH-Y
Description  Minimum Serial Peripheral Interface Serial Flash Memory
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641-MWH-Y Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AT25DF641-MWH-Y Datasheet HTML 1Page - List of Unclassifed Manufacturers AT25DF641-MWH-Y Datasheet HTML 2Page - List of Unclassifed Manufacturers AT25DF641-MWH-Y Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DF641-MWH-Y Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DF641-MWH-Y Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DF641-MWH-Y Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DF641-MWH-Y Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF641-MWH-Y Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF641-MWH-Y Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
4
AT25DF641
3680F–DFLASH–4/10
Table 1-1.
Pin Descriptions (Continued)
Symbol
Name and Function
Asserted
State
Type
HOLD
: The
pin is used to temporarily pause serial communication without
deselecting or resetting the device. While the
pin is asserted, transitions on the
SCK pin and data on the SI pin will be ignored, and the SO pin will be in a high-
impedance state.
The
pin must be asserted, and the SCK pin must be in the low state in order for a
Hold condition to start. A Hold condition pauses serial communication only and does not
have an effect on internally self-timed operations such as a program or erase cycle.
Please refer to “Hold” on page 45 for additional details on the Hold operation.
The
pin is internally pulled-high and may be left floating if the Hold function will not
be used. However, it is recommended that the
pin also be externally connected to
VCC whenever possible.
Low
Input
VCC
DEVICE POWER SUPPLY:
The VCC pin is used to supply the source voltage to the
device.
Operations at invalid VCC voltages may produce spurious results and should not be
attempted.
Power
GND
GROUND:
The ground reference for the power supply. GND should be connected to the
system ground.
Power
Figure 1-1.
8-VDFN (Top View)
Figure 1-2.
16-SOIC (Top View)
1
2
3
4
8
7
6
5
CS
SO (SOI)
WP
GND
VCC
HOLD
SCK
SI (SIO)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
HOLD
VCC
NC
NC
NC
NC
CS
SO (SOI)
SCK
SI(SIO)
NC
NC
NC
NC
GND
WP
CS
HOLD
HOLD
HOLD
HOLD
HOLD


Similar Part No. - AT25DF641-MWH-Y

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF641-MWH-Y ATMEL-AT25DF641-MWH-Y Datasheet
1Mb / 59P
   64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
More results

Similar Description - AT25DF641-MWH-Y

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF641A ATMEL-AT25DF641A Datasheet
1Mb / 57P
   64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
Renesas Technology Corp
AT25DF321A RENESAS-AT25DF321A Datasheet
1Mb / 51P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
02/2019
logo
List of Unclassifed Man...
AT25DF321A ETC2-AT25DF321A Datasheet
1Mb / 53P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
ATMEL Corporation
AT25DF321A ATMEL-AT25DF321A_10 Datasheet
2Mb / 52P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
AT25DF081A ATMEL-AT25DF081A Datasheet
1Mb / 53P
   8-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF041A ETC2-AT25DF041A_13 Datasheet
746Kb / 42P
   Minimum SPI Serial Flash Memory
AT25DF161 ETC2-AT25DF161_13 Datasheet
3Mb / 52P
   Minimum SPI Serial Flash Memory
AT25DF081 ETC2-AT25DF081_13 Datasheet
967Kb / 38P
   Minimum SPI Serial Flash Memory
AT26DF081A ETC2-AT26DF081A_13 Datasheet
763Kb / 40P
   Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
R1EX25512ATA00A RENESAS-R1EX25512ATA00A Datasheet
566Kb / 21P
   Serial Peripheral Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com