Electronic Components Datasheet Search |
|
AT25DF641-MWH-Y Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers |
|
AT25DF641-MWH-Y Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers |
9 / 56 page AT25DF641 9 3680F–DFLASH–4/10 6. Read Commands 6.1. Read Array The Read Array command can be us ed to sequentially read a c ontinuous stream of data from the device by simply providing the clock signal once the initial starting address has been specified. The device incorporates an internal address counter that automatically increments on every clock cycle. Three opcodes (1Bh, 0Bh, and 03h) can be used for the Read Array command. The use of each opcode depends on the maximum clock frequency that will be used to read data from the device. The 0Bh opcode can be used at any clock frequency up to the maximum specified by fCLK, and the 03h opcode can be used for lower frequency read operations up to the maximum specified by fRDLF. The 1Bh opcode allows the highest read performance possible and can be used at any clock frequency up to the maximum specified by fMAX; however, use of the 1Bh opcode at clock frequencies above fCLK should be reserved to systems employing the RapidS protocol. To perform the Read Array operation, the pin must first be asserted and the appropriate opcode (1Bh, 0Bh, or 03h) must be clocked into the device. After the opcode has been clocked in, the three address bytes must be clocked in to specify the starting address location of the first byte to read within the memory array. Following the three address bytes, additional dummy bytes may need to be clocked into the device depending on which opcode is used for the Read Array operation. If the 1Bh opcode is used, then two dummy bytes must be clocked into the device after the three address bytes. If the 0Bh opcode is used, then a single dummy byte must be clocked in after the address bytes. After the three address bytes (and the dummy bytes or byte if using opcodes 1Bh or 0Bh) have been clocked in, additional clock cycles will result in data being output on the SO pin. The data is always output with the MSB of a byte first. When the last byte (7FFFFFh) of the memory array has been r ead, the device will continue reading back at the beginning of the array (000000h). No delays will be incurred when wrapping around from the end of the array to the beginning of the array. Deasserting the pin will terminate the read operation and put the SO pin into a high-impedance state. The pin can be deasserted at any time and does not require that a full byte of data be read. Figure 6-1. Read Array - 1Bh Opcode SO SI SCK MS B MS B 2 3 1 0 0 0 0 1 1 0 1 1 6 7 5 4 10 11 9 8 12 39 42 43 41 40 37 38 33 36 35 34 31 32 29 30 44 47 48 46 45 50 51 49 52 55 56 54 53 OPCODE A A A A A A A A A MS B X X X X X X X X MS B MS B D D D D D D D D D D ADDR E S S BITS A23-A0 DON'T CAR E MS B X X X X X X X X DON'T CAR E DATA BYTE 1 HIGH-IMPE DANCE CS CS CS CS |
Similar Part No. - AT25DF641-MWH-Y |
|
Similar Description - AT25DF641-MWH-Y |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |