Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2R350TD-8 Datasheet(PDF) 2 Page - Ruilongyuan Electronics Co.,Ltd

Part # 2R350TD-8
Description  Gas Discharge Tubes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

2R350TD-8 Datasheet(HTML) 2 Page - Ruilongyuan Electronics Co.,Ltd

  2R350TD-8 Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 2R350TD-8 Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 2R350TD-8 Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 2R350TD-8 Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 2R350TD-8 Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd 2R350TD-8 Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Circuit Protection
System
Page:1
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Gas Discharge Tubes - 2RD-8 Series
1. RoHS & HF compliant
2. Rugged ceramic-metal construction
3. Available with or without leads
4. DC spark-over voltage:70~800V
5. Low capacitance
6. Agency recognition :UL/cUL
7. Operating temperature : -30°C ~ +85°C
Storage temperature: -40°C ~ +115°C
Features
Recommended Applications
1. Cable Modem
2. xDSL
3. Set-Top Box
4. TV sets
5. Power supplier
6. Consumer electronics
GDT introduction:Gas discharge tubes (GDT) use noble gasses enclosed
in ceramic tubes to provide an alternate circuit path for voltage spikes.The
ceramic envelope and with nickel connectors allow for high loads and Ruilon
offers products that function at 20KA,40KA,50KA,60KA,100KA&150KA.
The breakdown voltages of the devices have a wide range (up to 20%
tolerance).Major applications are high frequency telecommunication
lines,stations, security systems,HID and high quality Surge Protection
Devices (SPD).
Part Number Code
Characteristics
2
R
0
7
0
T
D
-
8
Series
DC Line
Voltage
Lead Type
T=Thrust
S=SMD
Dimensions
Electrical
B=10000A
D=20000A


Similar Part No. - 2R350TD-8

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
2R350TD-8 LEIDITECH-2R350TD-8 Datasheet
520Kb / 5P
   Gas Discharge Tube Diodes
More results

Similar Description - 2R350TD-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
RL1212 RUILON-RL1212 Datasheet
555Kb / 5P
   Gas Discharge Tubes
logo
Tyco Electronics
GTCX28-XXXM-R05 MACOM-GTCX28-XXXM-R05 Datasheet
105Kb / 5P
   Gas Discharge Tubes
GTCX36-XXXM-R05 MACOM-GTCX36-XXXM-R05 Datasheet
144Kb / 6P
   Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R-6S RUILON-2R-6S Datasheet
711Kb / 6P
   Gas Discharge Tubes
2RA-6C RUILON-2RA-6C Datasheet
665Kb / 5P
   Gas Discharge Tubes
logo
Littelfuse
SL1021A145 LITTELFUSE-SL1021A145 Datasheet
272Kb / 4P
   Gas Discharge Tubes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com