Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2R320TK-8 Datasheet(PDF) 6 Page - Ruilongyuan Electronics Co.,Ltd

Part # 2R320TK-8
Description  Switching spark gap
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

2R320TK-8 Datasheet(HTML) 6 Page - Ruilongyuan Electronics Co.,Ltd

  2R320TK-8 Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 2R320TK-8 Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 2R320TK-8 Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 2R320TK-8 Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 2R320TK-8 Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd 2R320TK-8 Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd 2R320TK-8 Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Circuit Protection
System
Page:5
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Switching spark gap - 2RK-8 Series
Item
Dimensions
Spec.
Tolerance
D
8.0
+0.3/-0.5
T
6.0
+0.3/-0.5
L
20
Min.
d
0.8
±0.05
Item
Dimensions
Spec.
Tolerance
D
8.0
+0.3/-0.5
T
6.0
+0.3/-0.5
· Storage Conditions:
1. Storage Temperature: -10°C~+40°C
2. Relative Humidity:≤75%RH
3. Keep away from corrosive atmosphere and sunlight.
· Period of Storage: 1 year
Warehouse Storage Conditions of Products
For 2-electrode Axial Lead GDT: 500 PCS/Reel
Item
Dimensions
Spec.
Tolerance
L1
52
±2
L
64
±3
D
10
±0.5
F
T+1.4
Max.
D
F
L
L1
1.2max.
>
1.5typ.
68 typ.
.
330 ± 4.0
.
100typ.
.
Unit:mm


Similar Part No. - 2R320TK-8

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
2R320TK-5 RUILON-2R320TK-5 Datasheet
878Kb / 7P
   Switching spark gap
More results

Similar Description - 2R320TK-8

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X0870T502 EPCOS-B88069X0870T502 Datasheet
84Kb / 2P
   Switching Spark Gap
B88069X0410T502 EPCOS-B88069X0410T502 Datasheet
92Kb / 2P
   Switching Spark Gap
B88069X0260S102 EPCOS-B88069X0260S102 Datasheet
90Kb / 2P
   Switching Spark Gap
B88069X5980T502 EPCOS-B88069X5980T502 Datasheet
95Kb / 5P
   Switching spark gap
logo
Socay Electornics Co., ...
UN2K8-350SMD SOCAY-UN2K8-350SMD Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-350SMD-2 SOCAY-UN2K8-350SMD-2 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-400SMD SOCAY-UN2K8-400SMD Datasheet
364Kb / 5P
   Switching Spark Gap
UN2K8-600SMD SOCAY-UN2K8-600SMD Datasheet
363Kb / 5P
   Switching Spark Gap
UN2K8-350-1 SOCAY-UN2K8-350-1 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-500 SOCAY-UN2K8-500 Datasheet
359Kb / 5P
   Switching Spark Gap
logo
TDK Electronics
B88069X3440S102 TDK-B88069X3440S102 Datasheet
168Kb / 5P
   Switching spark gap
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com