Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2R470TK-8 Datasheet(PDF) 5 Page - Ruilongyuan Electronics Co.,Ltd

Part # 2R470TK-8
Description  Switching spark gap
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

2R470TK-8 Datasheet(HTML) 5 Page - Ruilongyuan Electronics Co.,Ltd

  2R470TK-8 Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 2R470TK-8 Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 2R470TK-8 Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 2R470TK-8 Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 2R470TK-8 Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd 2R470TK-8 Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd 2R470TK-8 Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Switching spark gap - 2RK-8 Series
Circuit Protection
System
Page:4
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Plastic Tray
(252×135×10mm)
Inner Box
(270×145×50mm)
Outside Box
(310×280×275mm)
100 PCS/ Plastic Tray
500 PCS/ Box
5,000 PCS/ Carton
□ = S (No lead type)
Dimension
Packaging Taping
Unit:mm
Unit:mm
Unit:mm
T
D
L
d
D
T
Item
Dimensions
Spec.
Tolerance
D
8.0
+0.3/-0.5
T
6.0
+0.3/-0.5
L
20
Min.
d
0.8
±0.05
Item
Dimensions
Spec.
Tolerance
D
8.0
+0.3/-0.5
T
6.0
+0.3/-0.5
□ = T (Axial lead type)


Similar Part No. - 2R470TK-8

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
2R470TK-5 RUILON-2R470TK-5 Datasheet
878Kb / 7P
   Switching spark gap
More results

Similar Description - 2R470TK-8

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X0870T502 EPCOS-B88069X0870T502 Datasheet
84Kb / 2P
   Switching Spark Gap
B88069X0410T502 EPCOS-B88069X0410T502 Datasheet
92Kb / 2P
   Switching Spark Gap
B88069X0260S102 EPCOS-B88069X0260S102 Datasheet
90Kb / 2P
   Switching Spark Gap
B88069X5980T502 EPCOS-B88069X5980T502 Datasheet
95Kb / 5P
   Switching spark gap
logo
Socay Electornics Co., ...
UN2K8-350SMD SOCAY-UN2K8-350SMD Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-350SMD-2 SOCAY-UN2K8-350SMD-2 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-400SMD SOCAY-UN2K8-400SMD Datasheet
364Kb / 5P
   Switching Spark Gap
UN2K8-600SMD SOCAY-UN2K8-600SMD Datasheet
363Kb / 5P
   Switching Spark Gap
UN2K8-350-1 SOCAY-UN2K8-350-1 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-500 SOCAY-UN2K8-500 Datasheet
359Kb / 5P
   Switching Spark Gap
logo
TDK Electronics
B88069X3440S102 TDK-B88069X3440S102 Datasheet
168Kb / 5P
   Switching spark gap
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com