Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2R550TK-8 Datasheet(PDF) 3 Page - Ruilongyuan Electronics Co.,Ltd

Part # 2R550TK-8
Description  Switching spark gap
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

2R550TK-8 Datasheet(HTML) 3 Page - Ruilongyuan Electronics Co.,Ltd

  2R550TK-8 Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 2R550TK-8 Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 2R550TK-8 Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 2R550TK-8 Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 2R550TK-8 Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd 2R550TK-8 Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd 2R550TK-8 Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Switching spark gap - 2RK-8 Series
Circuit Protection
System
Page:2
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Electriacl Characteristics
Part No.
DC
Spark-over
Voltage
200000 times
for the
first static
breakdown
voltage in the
dark(v)
Number of
onoff(
ten thousand
Switching
frequency
Insulation
resistance at
100v DC
Capacitance
Breakdown
time
DIP
SMD
(V)
(V)
(times)
(HZ)
(Ω)
(PF)
(NS)
2R150TK-8 2R150SK-8 150±15%
<200
2000000
200
≥109
<1.5
50
2R230TK-8 2R230SK-8 230±15%
<270
400000
160
≥109
<1.5
50
2R300TK-8 2R300SK-8 300±15%
<355
400000
140
≥109
<1.5
50
2R320TK-8 2R320SK-8 320±15%
<380
400000
150
≥109
<1.5
50
2R350TK-8 2R350SK-8 350±15%
<415
400000
150
≥109
<1.5
50
2R370TK-8 2R370SK-8 370±15%
<440
400000
140
≥109
<1.5
50
2R400TK-8 2R400SK-8 400±15%
<475
400000
130
≥109
<1.5
50
2R450TK-8 2R450SK-8 450±15%
<540
400000
210
≥109
<1.5
50
2R470TK-8 2R470SK-8 470±15%
<570
400000
180
≥109
<1.5
50
2R500TK-8 2R500SK-8 500±15%
<600
400000
170
≥109
<1.5
50
2R550TK-8 2R550SK-8 550±15%
<660
400000
140
≥109
<1.5
50
2R600TK-8 2R600SK-8 600±15%
<720
400000
210
≥109
<1.5
50
2R730TK-8 2R730SK-8 730±15%
<900
400000
130
≥109
<1.5
50
2R800TK-8 2R800SK-8 800±15%
<1000
400000
100
≥109
<1.5
50
DC Spark-over Voltage
DC Measuring Voltage
150-400V
100V
470-800V
250V


Similar Part No. - 2R550TK-8

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
2R550TK-5 RUILON-2R550TK-5 Datasheet
878Kb / 7P
   Switching spark gap
More results

Similar Description - 2R550TK-8

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X0870T502 EPCOS-B88069X0870T502 Datasheet
84Kb / 2P
   Switching Spark Gap
B88069X0410T502 EPCOS-B88069X0410T502 Datasheet
92Kb / 2P
   Switching Spark Gap
B88069X0260S102 EPCOS-B88069X0260S102 Datasheet
90Kb / 2P
   Switching Spark Gap
B88069X5980T502 EPCOS-B88069X5980T502 Datasheet
95Kb / 5P
   Switching spark gap
logo
Socay Electornics Co., ...
UN2K8-350SMD SOCAY-UN2K8-350SMD Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-350SMD-2 SOCAY-UN2K8-350SMD-2 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-400SMD SOCAY-UN2K8-400SMD Datasheet
364Kb / 5P
   Switching Spark Gap
UN2K8-600SMD SOCAY-UN2K8-600SMD Datasheet
363Kb / 5P
   Switching Spark Gap
UN2K8-350-1 SOCAY-UN2K8-350-1 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-500 SOCAY-UN2K8-500 Datasheet
359Kb / 5P
   Switching Spark Gap
logo
TDK Electronics
B88069X3440S102 TDK-B88069X3440S102 Datasheet
168Kb / 5P
   Switching spark gap
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com