Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2R730K-8S Datasheet(PDF) 4 Page - Ruilongyuan Electronics Co.,Ltd

Part # 2R730K-8S
Description  Switching spark gap
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

2R730K-8S Datasheet(HTML) 4 Page - Ruilongyuan Electronics Co.,Ltd

  2R730K-8S Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 2R730K-8S Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 2R730K-8S Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 2R730K-8S Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 2R730K-8S Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd 2R730K-8S Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Circuit Protection
System
Page:3
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Switching spark gap - 2RK-8S Series
Part No.
DC
Spark-over
Voltage
400000 times
for the first
static breakd
own voltage in
the dark(v)
Number of
on-off( ten
thousand)
Switching
frequency
Insulation
resistance at
100v DC
Capacitance
Breakdown
time
(V)
(V)
(times)
(HZ)
(Ω)
(PF)
(NS)
2R150K-8S
150±15%
<200
2000000
200
≥109
<1.5
50
2R230K-8S
230±15%
<270
400000
160
≥109
<1.5
50
2R300K-8S
300±15%
<355
400000
140
≥109
<1.5
50
2R320K-8S
320±15%
<380
400000
150
≥109
<1.5
50
2R350K-8S
350±15%
<415
400000
150
≥109
<1.5
50
2R370K-8S
370±15%
<440
400000
140
≥109
<1.5
50
2R400K-8S
400±15%
<475
400000
130
≥109
<1.5
50
2R450K-8S
450±15%
<540
400000
210
≥109
<1.5
50
2R470K-8S
470±15%
<570
400000
180
≥109
<1.5
50
2R500K-8S
500±15%
<600
400000
170
≥109
<1.5
50
2R550K-8S
550±15%
<660
400000
140
≥109
<1.5
50
2R600K-8S
600±15%
<720
400000
210
≥109
<1.5
50
2R730K-8S
730±15%
<900
400000
130
≥109
<1.5
50
2R800K-8S
800±15%
<1000
400000
100
≥109
<1.5
50
Plastic Tray
(252×135×10mm)
Inner Box
(270×145×50mm)
Outside Box
(310×280×275mm)
100 PCS/ Plastic Tray
500 PCS/ Box
5,000 PCS/ Carton
Packaging Taping
Unit:mm
recommended pad outline
Dimension


Similar Part No. - 2R730K-8S

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
2R730TK-5 RUILON-2R730TK-5 Datasheet
878Kb / 7P
   Switching spark gap
2R730TK-8 RUILON-2R730TK-8 Datasheet
884Kb / 7P
   Switching spark gap
More results

Similar Description - 2R730K-8S

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X0870T502 EPCOS-B88069X0870T502 Datasheet
84Kb / 2P
   Switching Spark Gap
B88069X0410T502 EPCOS-B88069X0410T502 Datasheet
92Kb / 2P
   Switching Spark Gap
B88069X0260S102 EPCOS-B88069X0260S102 Datasheet
90Kb / 2P
   Switching Spark Gap
B88069X5980T502 EPCOS-B88069X5980T502 Datasheet
95Kb / 5P
   Switching spark gap
logo
Socay Electornics Co., ...
UN2K8-350SMD SOCAY-UN2K8-350SMD Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-350SMD-2 SOCAY-UN2K8-350SMD-2 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-400SMD SOCAY-UN2K8-400SMD Datasheet
364Kb / 5P
   Switching Spark Gap
UN2K8-600SMD SOCAY-UN2K8-600SMD Datasheet
363Kb / 5P
   Switching Spark Gap
UN2K8-350-1 SOCAY-UN2K8-350-1 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-500 SOCAY-UN2K8-500 Datasheet
359Kb / 5P
   Switching Spark Gap
logo
TDK Electronics
B88069X3440S102 TDK-B88069X3440S102 Datasheet
168Kb / 5P
   Switching spark gap
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com