Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3R470LD-7 Datasheet(PDF) 3 Page - Ruilongyuan Electronics Co.,Ltd

Part # 3R470LD-7
Description  Gas Discharge Tube
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

3R470LD-7 Datasheet(HTML) 3 Page - Ruilongyuan Electronics Co.,Ltd

  3R470LD-7 Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 3R470LD-7 Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 3R470LD-7 Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 3R470LD-7 Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 3R470LD-7 Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd 3R470LD-7 Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Gas Discharge Tube - 3RD-7 Series
Circuit Protection
System
Page:2
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Electriacl Characteristics
Part No.
DC
Spark-over
Voltage
Max.
Impulse
Breakdown
Voltage
Max.
Impulse
Discharge
Current
(8/20μs)
Impulse
Life(10/
1000μs)
Normal
Alternating
Discharge
Current
DC
Holdover
Voltage
Minimum
Insulation
Resistance
Maximum
Capacitance
(1MHz)
100V/S
100V/
μs
1KV/
μs
10
times
100A
50Hz,1Sec
<150ms
L Series
(V)
(V)
(V)
(KA)
(Times)
(A)
(V)
(GΩ)
(pF)
3R075LD-7
75±20%
600
700
10
300
10
52
10
2
3R090LD-7
90±20%
600
700
10
300
10
52
10
2
3R150LD-7
150±20%
500
700
10
300
10
135
10
2
3R200LD-7
200±20%
500
700
10
300
10
135
10
2
3R230LD-7
230±20%
600
700
10
300
10
150
10
2
3R250LD-7
250±20%
600
700
10
300
10
150
10
2
3R350LD-7
350±20%
700
800
10
300
10
150
10
2
3R400LD-7
400±20%
800
900
10
300
10
150
10
2
3R470LD-7
470±20%
900 1000
10
300
10
150
10
2
3R600LD-7
600±20% 1000 1100
10
300
10
150
10
2
DC Spark-over Voltage
DC Measuring Voltage
75-90V
50V
150-400V
100V
420-600V
250V


Similar Part No. - 3R470LD-7

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
3R470LB-7 RUILON-3R470LB-7 Datasheet
610Kb / 6P
   Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R470LB-7 SUNMATE-3R470LB-7 Datasheet
468Kb / 2P
   GAS DISCHARGE TUBE
More results

Similar Description - 3R470LD-7

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
2R1000-6 LEIDITECH-2R1000-6 Datasheet
487Kb / 5P
   Gas Discharge Tube
logo
StarHope
GDT-B8H SPSEMI-GDT-B8H Datasheet
120Kb / 3P
   Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R075LB-7 SUNMATE-3R075LB-7 Datasheet
468Kb / 2P
   GAS DISCHARGE TUBE
3R075TB-8 SUNMATE-3R075TB-8 Datasheet
518Kb / 2P
   GAS DISCHARGE TUBE
logo
Ruilongyuan Electronics...
3RB-7 RUILON-3RB-7 Datasheet
610Kb / 6P
   Gas Discharge Tube
logo
Shenzhen Bencent Electr...
B5G3600 BENCENT-B5G3600 Datasheet
187Kb / 3P
   Gas Discharge Tube
BX201N BENCENT-BX201N Datasheet
147Kb / 3P
   Gas Discharge Tube
BZ201M BENCENT-BZ201M Datasheet
144Kb / 3P
   Gas Discharge Tube
BD351 BENCENT-BD351 Datasheet
240Kb / 3P
   Gas Discharge Tube
B8G3600L BENCENT-B8G3600L Datasheet
438Kb / 3P
   Gas Discharge Tube
logo
StarHope
GSP075D SPSEMI-GSP075D Datasheet
352Kb / 3P
   Gas Discharge Tube
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com