Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GXP25 Datasheet(PDF) 2 Page - Ruilongyuan Electronics Co.,Ltd

Part # GXP25
Description  2-electrode Spark Gap
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

GXP25 Datasheet(HTML) 2 Page - Ruilongyuan Electronics Co.,Ltd

  GXP25 Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd GXP25 Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd GXP25 Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd GXP25 Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd GXP25 Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Circuit Protection
System
Page:1
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
2-electrode Spark Gap - GXP Series
1. Single-shot pulse generators
2. Turbine engine ignition circuits
3. Medical lithotripsy
4. High energy switches
Typical Applications
Electrical And Physical Characteristics
The GXP Series of 2-electrode spark gaps are gas discharge tubes,
hermetically sealed in a glass/metal envelope. Tubes with a DC breakdown
voltage in the range 250 V to 10 kV are available. This is signified by a
numeral or numerals following the type letters and is expressed in hundreds
of volts, e.g. GXP60 has a 6kV DC breakdown voltage.
Charge transfer, single discharge
(8/20 ms waveshape)
0.5C max
Cumulative charge transfer
6000C at 0.81mC
per discharge at 1 Hz
Operating temperature
-55 to +125°C
Mechanical shock, half-sine
(to B.S. 2011 test Ea)
40g for 4ms
Mounting
screw mounted
Radioactivity
tritium (3H), 5.44 MBq
(147 mCi) max per device
All ratings given in this data sheet a reab solute, nonsimultaneous ratings. It is the equipment designer’s responsibility to ensure
that they are not exceeded.The spark gap life depends on circuit conditions such as peak discharge current and duration,
charge transfer per discharge and the
repetition rate.


Similar Part No. - GXP25

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GXP2W IVO-GXP2W Datasheet
666Kb / 4P
   Absolute encoders - SSI
GXP2W.04011A2 IVO-GXP2W.04011A2 Datasheet
666Kb / 4P
   Absolute encoders - SSI
GXP2W.04021A2 IVO-GXP2W.04021A2 Datasheet
666Kb / 4P
   Absolute encoders - SSI
GXP2W.040B0A2 IVO-GXP2W.040B0A2 Datasheet
666Kb / 4P
   Absolute encoders - SSI
GXP2W.040B1A2 IVO-GXP2W.040B1A2 Datasheet
666Kb / 4P
   Absolute encoders - SSI
More results

Similar Description - GXP25

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
GXH RUILON-GXH Datasheet
720Kb / 5P
   2-electrode Spark Gap
logo
EPCOS
B88069X0870T502 EPCOS-B88069X0870T502 Datasheet
84Kb / 2P
   Switching Spark Gap
logo
Okaya Electric America,...
RSG-502-BKL OKAYA-RSG-502-BKL Datasheet
112Kb / 6P
   Rodan Spark Gap
logo
EPCOS
B88069X0410T502 EPCOS-B88069X0410T502 Datasheet
92Kb / 2P
   Switching Spark Gap
B88069X0260S102 EPCOS-B88069X0260S102 Datasheet
90Kb / 2P
   Switching Spark Gap
B88069X5980T502 EPCOS-B88069X5980T502 Datasheet
95Kb / 5P
   Switching spark gap
logo
Socay Electornics Co., ...
UN2K8-350SMD SOCAY-UN2K8-350SMD Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-350SMD-2 SOCAY-UN2K8-350SMD-2 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-400SMD SOCAY-UN2K8-400SMD Datasheet
364Kb / 5P
   Switching Spark Gap
UN2K8-600SMD SOCAY-UN2K8-600SMD Datasheet
363Kb / 5P
   Switching Spark Gap
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com