Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20D390K Datasheet(PDF) 5 Page - Ruilongyuan Electronics Co.,Ltd

Part # 20D390K
Description  Metal Oxide Varistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

20D390K Datasheet(HTML) 5 Page - Ruilongyuan Electronics Co.,Ltd

  20D390K Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 20D390K Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 20D390K Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 20D390K Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 20D390K Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd 20D390K Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd 20D390K Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Metal Oxide Varistors - 20D Series
Circuit Protection
System
Page:4
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Packaging
Part Number
Component
Package
Quantity
Packaging
Option
Packaging Specification
20D
20.0
200
BOX
400PCS
Current Energy and Power Dissipation Ratings
Should transients occur in rapid succession, the average power dissipation is the energy (watt-seconds) per pulse times
the number of pulses per second. The power so developed must be within the specifications shown on the Device Ratings
and Specifications Table for the specific device. The operating values of a MOV need to be derated at high temperatures as
shown above. Because varistors only dissipate a relatively small amount of average power they are not suitable for repetitive
applications that involve substantial amounts of average power dissipation.
100
90
50
10
O1
T
T1
T2
TIME
0
1
T
1
T
2
Example
µs Current Waveform:
1
20µ
2
100
90
80
70
60
50
40
30
20
10
0
-555060708090100
110120
130140 150
AMBIENTTEMPERATURE ( oC)
Figure 1A - Power Derating for Epoxy Coated
Figure 2
100
90
80
70
60
50
40
30
20
10
0
-555060708090100
110120
130140 150
AMBIENTTEMPERATURE ( oC)
Figure 1B - Power Derating for Pholenic Coated
Peak Pulse Current Test Waveform


Similar Part No. - 20D390K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
20D390K ETC-20D390K Datasheet
61Kb / 5P
   VARISTOR
20D390K ETC-20D390K Datasheet
71Kb / 5P
   VARISTOR
logo
World Produts Inc.
20D390K WPI-20D390K Datasheet
1Mb / 65P
   Metal Oxide Varistors
logo
Socay Electornics Co., ...
20D390K SOCAY-20D390K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
logo
StarHope
20D390K SPSEMI-20D390K Datasheet
359Kb / 2P
   Varistor Type MYG
More results

Similar Description - 20D390K

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com