Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB021D-SSH-SL954 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AT45DB021D-SSH-SL954
Description  2-megabit 2.7V Minimum DataFlash
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB021D-SSH-SL954 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AT45DB021D-SSH-SL954 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT45DB021D-SSH-SL954 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB021D-SSH-SL954 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB021D-SSH-SL954 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB021D-SSH-SL954 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT45DB021D-SSH-SL954 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT45DB021D-SSH-SL954 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT45DB021D-SSH-SL954 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT45DB021D-SSH-SL954 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
9
3638M–DFLASH–5/2013
AT45DB021D
the binary page size (25-bytes), an opcode of 7CH must be loaded into the device, followed by three address bytes
comprised of six don’t care bits and seven page address bits (A17 - A11) and 11 don’t care bits. To perform a
sector 1-seven erase, the opcode 7CH must be loaded into the device, followed by three address bytes comprised
of six don’t care bit and three page address bits (A17 - A15) and 16 don’t care bits. The page address bits are used
to specify any valid address location within the sector which is to be erased. When a low-to-high transition occurs
on the CS pin, the part will erase the selected sector. The erase operation is internally self-timed and should take
place in a maximum time of tSE. During this time, the status register will indicate that the part is busy.
Table 5-2.
Sector Erase Addressing
5.7
Chip Erase
The entire main memory can be erased at one time by using the Chip Erase command.
To execute the Chip Erase command, a 4-byte command sequence C7H, 94H, 80H and 9AH must be clocked into
the device. Since the entire memory array is to be erased, no address bytes need to be clocked into the device,
and any data clocked in after the opcode will be ignored. After the last bit of the opcode sequence has been
clocked in, the CS pin can be deasserted to start the erase process. The erase operation is internally self-timed
and should take place in a time of tCE. During this time, the Status Register will indicate that the device is busy.
The Chip Erase command will not affect sectors that are protected or locked down; the contents of those sectors
will remain unchanged. Only those sectors that are not protected or locked down will be erased.
The WP pin can be asserted while the device is erasing, but protection will not be activated until the internal erase
cycle completes.
Table 5-3.
Chip Erase Command
Figure 5-1.
Chip Erase
PA9/
A17
PA8/
A16
PA7/
A15
PA6/
A14
PA5/
A13
PA4/
A12
PA3/
A11
PA2/
A10
PA1/
A9
PA0/
A8
Sector
0000000
X
X
X
0a
0000001
X
X
X
0b
0
1
1
XXXXXXX
5
1
0
0
XXXXXXX
6
1
1
1
XXXXXXX
7
Command
Byte 1
Byte 2
Byte 3
Byte 4
Chip Erase
C7H
94H
80H
9AH
Opcode
Byte 1
Opcode
Byte 2
Opcode
Byte 3
Opcode
Byte 4
CS
Each transition
represents 8 bits
SI


Similar Part No. - AT45DB021D-SSH-SL954

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021D-SSH-SL954 ATMEL-AT45DB021D-SSH-SL954 Datasheet
1Mb / 52P
   2-megabit 2.7-volt Minimum DataFlash
AT45DB021D-SSH-SL954 ATMEL-AT45DB021D-SSH-SL954 Datasheet
1Mb / 54P
   2-megabit 2.7-volt Minimum DataFlash
More results

Similar Description - AT45DB021D-SSH-SL954

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021D ATMEL-AT45DB021D_09 Datasheet
1Mb / 54P
   2-megabit 2.7-volt Minimum DataFlash
AT45DB021D ATMEL-AT45DB021D_08 Datasheet
1Mb / 52P
   2-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D_12 Datasheet
1Mb / 51P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB642D ETC2-AT45DB642D_14 Datasheet
1Mb / 57P
   64-megabit 2.7V Dual-interface DataFlash
logo
Analog Devices
AT45DB081D AD-AT45DB081D_13 Datasheet
1Mb / 53P
   8-megabit 2.5V or 2.7V DataFlash
logo
List of Unclassifed Man...
AT45DB161D ETC2-AT45DB161D_13 Datasheet
2Mb / 51P
   16-megabit 2.5V or 2.7V DataFlash
logo
ATMEL Corporation
AT45DB011D ATMEL-AT45DB011D_08 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
AT45DB011D ATMEL-AT45DB011D_09 Datasheet
1Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
List of Unclassifed Man...
AT45DB011D ETC2-AT45DB011D Datasheet
2Mb / 52P
   1-megabit 2.7-volt Minimum DataFlash
logo
ATMEL Corporation
AT45DB021D ATMEL-AT45DB021D_07 Datasheet
1Mb / 52P
   2-megabit 2.7-volt DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com