Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLST23A242V Datasheet(PDF) 2 Page - Ruilongyuan Electronics Co.,Ltd

Part # RLST23A242V
Description  TVS/ESD Arrays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

RLST23A242V Datasheet(HTML) 2 Page - Ruilongyuan Electronics Co.,Ltd

  RLST23A242V Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd RLST23A242V Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd RLST23A242V Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd RLST23A242V Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd RLST23A242V Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd RLST23A242V Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd RLST23A242V Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd RLST23A242V Datasheet HTML 8Page - Ruilongyuan Electronics Co.,Ltd RLST23A242V Datasheet HTML 9Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TVS/ESD Arrays - RLST23A032-362V Series
Circuit Protection
System
Page:1
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
• 400 Watts peak pulse power (tp = 8/20μs)
• Transient protection for high speed data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 24A (8/20μs)
• One device protects one unidirectional line
• Two devices protect two high-speed line pairs
• Low capacitance
• Low leakage current
• Low operating and clamping voltages
• Solid-state EPD TVS process technology
Features
Mechanical Characteristics
• SOT-23 package
• Molding compound flammability rating: UL 94V-0
• Packaging: Tape and Reel per EIA 481
• Lead Finish: Matte tin
• RoHS Compliant
Applications
• Cellular Handsets and Accessories
• Portable Electronics
• Industrial Controls
• Set-Top Box
• Servers, Notebook, and Desktop PC
• Not Intended for Use in Life Support or Life
Saving Applications
• The products shown herein are not designed
for use in life sustaining or life saving
applications unless otherwise expressly indicated
Life Support Note
Pinout and Functional Block Diagram
SOT23 (Top View)


Similar Part No. - RLST23A242V

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RLST23A242V RUILON-RLST23A242V Datasheet
956Kb / 9P
   TVS/ESD Arrays
More results

Similar Description - RLST23A242V

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RLSD32AXXXLC RUILON-RLSD32AXXXLC Datasheet
803Kb / 7P
   TVS/ESD Arrays
RLST23AXXXC RUILON-RLST23AXXXC Datasheet
1Mb / 8P
   TVS/ESD Arrays
RLSD32AXXXLV RUILON-RLSD32AXXXLV Datasheet
801Kb / 7P
   TVS/ESD Arrays
RLSD92QXXXV RUILON-RLSD92QXXXV Datasheet
791Kb / 8P
   TVS/ESD Arrays
RLSD12A RUILON-RLSD12A Datasheet
893Kb / 7P
   TVS/ESD Arrays
RLS08A2.84LV RUILON-RLS08A2.84LV Datasheet
890Kb / 8P
   TVS/ESD Arrays
RLST23A2.82LV RUILON-RLST23A2.82LV Datasheet
684Kb / 9P
   TVS/ESD Arrays
RLS08A284LV RUILON-RLS08A284LV Datasheet
793Kb / 7P
   TVS/ESD Arrays
RLSD92AXXXC RUILON-RLSD92AXXXC Datasheet
683Kb / 7P
   TVS/ESD Arrays
RLDSON10A054LV RUILON-RLDSON10A054LV Datasheet
826Kb / 7P
   TVS/ESD Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com