Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5202-3.0YM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5202-3.0YM
Description  Dual, 100mA Low-Dropout Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5202-3.0YM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5202-3.0YM Datasheet HTML 1Page - Micrel Semiconductor MIC5202-3.0YM Datasheet HTML 2Page - Micrel Semiconductor MIC5202-3.0YM Datasheet HTML 3Page - Micrel Semiconductor MIC5202-3.0YM Datasheet HTML 4Page - Micrel Semiconductor MIC5202-3.0YM Datasheet HTML 5Page - Micrel Semiconductor MIC5202-3.0YM Datasheet HTML 6Page - Micrel Semiconductor MIC5202-3.0YM Datasheet HTML 7Page - Micrel Semiconductor MIC5202-3.0YM Datasheet HTML 8Page - Micrel Semiconductor MIC5202-3.0YM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Micrel, Inc.
MIC5202
May 10, 2013
2
Revision 2.0
Ordering Information
Part Number
(1)
Marking
VOUT1
VOUT2
Accuracy
Junction Temperature. Range
Package
MIC5202-3.0YM
30YM
3V
3V
1%
–40°C to +125°C
8-Pin SOIC
MIC5202-3.3YM
33YM
3.3V
3.3V
1%
–40°C to +125°C
8-Pin SOIC
MIC5202-4.8YM
48YM
4.85V
4.85V
1%
–40°C to +125°C
8-Pin SOIC
MIC5202-5.0YM
50YM
5V
5V
1%
–40°C to +125°C
8-Pin SOIC
Note:
1.
Other voltages are available. Contact Micrel for details.
Pin Configuration
8-Pin SOIC (M)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
VOUT1
Output of regulator 1.
2
GND1
Ground pin of LDO1.
3
VOUT2
Output of regulator 2.
4
GND2
Ground pin of LDO2.
5
EN2
Enable input for LDO2. Active-high Input. Logic high = On, logic low = Off. Do not leave floating.
6
VIN2
Voltage input for LDO2.
7
EN1
Enable input for LDO1. Active-high Input. Logic high = On, logic low = Off. Do not leave floating.
8
VIN1
Voltage input for LDO1.


Similar Part No. - MIC5202-3.0YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5202-3.0YM MICREL-MIC5202-3.0YM Datasheet
135Kb / 7P
   Dual 100mA Low-Dropout Regulator
logo
Microchip Technology
MIC5202-3.0YM MICROCHIP-MIC5202-3.0YM Datasheet
535Kb / 22P
   Dual 100 mA Low-Dropout Regulator
06/23/16
MIC5202-3.0YM-TR MICROCHIP-MIC5202-3.0YM-TR Datasheet
535Kb / 22P
   Dual 100 mA Low-Dropout Regulator
06/23/16
More results

Similar Description - MIC5202-3.0YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5202 MICREL-MIC5202_06 Datasheet
135Kb / 7P
   Dual 100mA Low-Dropout Regulator
logo
Texas Instruments
REG101-25 TI1-REG101-25 Datasheet
797Kb / 23P
[Old version datasheet]   100mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC5200 MICREL-MIC5200_05 Datasheet
179Kb / 10P
   100mA Low-Dropout Regulator
logo
Linear Technology
LT3023 LINER-LT3023 Datasheet
581Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3023 LINER-LT3023_15 Datasheet
279Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG101 TI-REG101_05 Datasheet
400Kb / 18P
[Old version datasheet]   DMOS 100mA Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com