Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N65Z Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 4N65Z
Description  4A, 650V N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N65Z Datasheet(HTML) 2 Page - Unisonic Technologies

  4N65Z Datasheet HTML 1Page - Unisonic Technologies 4N65Z Datasheet HTML 2Page - Unisonic Technologies 4N65Z Datasheet HTML 3Page - Unisonic Technologies 4N65Z Datasheet HTML 4Page - Unisonic Technologies 4N65Z Datasheet HTML 5Page - Unisonic Technologies 4N65Z Datasheet HTML 6Page - Unisonic Technologies 4N65Z Datasheet HTML 7Page - Unisonic Technologies 4N65Z Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4N65Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-778.A
ABSOLUTE MAXIMUM RATINGS (TC = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
4.4
A
Drain Current
Continuous
ID
4.0
A
Pulsed (Note 2)
IDM
16
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
260
mJ
Repetitive (Note 2)
EAR
10.6
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation
PD
36
W
Junction Temperature
TJ
+150
°С
Operating Temperature
TOPR
-55 ~ +150
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by maximum junction temperature
3. L = 30mH, IAS = 4A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
4. ISD≤4.4A, di/dt ≤200A/μs, VDD≤BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°С/W
Junction to Case
θJc
3.47
°С/W


Similar Part No. - 4N65Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N65Z-E UTC-4N65Z-E Datasheet
197Kb / 6P
   N-CHANNEL POWER MOSFET
4N65ZG-TF1-T UTC-4N65ZG-TF1-T Datasheet
197Kb / 6P
   N-CHANNEL POWER MOSFET
4N65ZG-TN3-R UTC-4N65ZG-TN3-R Datasheet
197Kb / 6P
   N-CHANNEL POWER MOSFET
4N65ZG-TN3-T UTC-4N65ZG-TN3-T Datasheet
197Kb / 6P
   N-CHANNEL POWER MOSFET
4N65ZL-TF1-T UTC-4N65ZL-TF1-T Datasheet
197Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 4N65Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N65K UTC-4N65K Datasheet
334Kb / 8P
   4A, 650V N-CHANNEL POWER MOSFET
logo
AiT Semiconductor Inc.
AM04N65 AITSEMI-AM04N65 Datasheet
827Kb / 10P
   MOSFET 650V, 4A N-CHANNEL
REV1.0 - JUN 2022
logo
Jiangsu Donghai Semicon...
D4NE65 WXDH-D4NE65 Datasheet
1Mb / 13P
   4A 650V N-channel Enhancement Mode Power MOSFET
E4NE65 WXDH-E4NE65 Datasheet
1Mb / 13P
   4A 650V N-channel Enhancement Mode Power MOSFET
BSJ4N65 WXDH-BSJ4N65 Datasheet
1Mb / 11P
   4A 650V N-channel Super Junction Power MOSFET ?
SJ4N65 WXDH-SJ4N65 Datasheet
1Mb / 11P
   4A 650V N-channel Super Junction Power MOSFET ?
B4NE65 WXDH-B4NE65 Datasheet
1Mb / 13P
   4A 650V N-channel Enhancement Mode Power MOSFET
ESJ4N65 WXDH-ESJ4N65 Datasheet
1Mb / 11P
   4A 650V N-channel Super Junction Power MOSFET ?
logo
Taiwan Semiconductor Co...
TSM4ND65CI TSC-TSM4ND65CI Datasheet
321Kb / 6P
   N-Channel Power MOSFET 650V, 4A, 2.6廓
logo
Jiangsu Donghai Semicon...
4NE65 WXDH-4NE65 Datasheet
1Mb / 13P
   4A 650V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com