Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N65Z Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 4N65Z
Description  4A, 650V N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N65Z Datasheet(HTML) 7 Page - Unisonic Technologies

  4N65Z Datasheet HTML 1Page - Unisonic Technologies 4N65Z Datasheet HTML 2Page - Unisonic Technologies 4N65Z Datasheet HTML 3Page - Unisonic Technologies 4N65Z Datasheet HTML 4Page - Unisonic Technologies 4N65Z Datasheet HTML 5Page - Unisonic Technologies 4N65Z Datasheet HTML 6Page - Unisonic Technologies 4N65Z Datasheet HTML 7Page - Unisonic Technologies 4N65Z Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4N65Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-778.A
TYPICAL CHARACTERISTICS(Cont.)
1200
0
0.1
Drain-SourceVoltage, VDS (V)
1000
200
110
Ciss
800
600
Notes:
1. VGS=0V
2. f = 1MHz
Ciss=Cgs+Cgd (Cds=shorted)
Coss=Cds+Cgd Crss=Cgd
Capacitance Characteristics
(Non-Repetitive)
0
Total Gate Charge, QG (nC)
5
15
25
Note: ID=4A
8
10
12
10
6
4
2
0
VDS=120V
VDS=300V
VDS=480V
20
Gate Charge Characteristics
Coss
Crss
400


Similar Part No. - 4N65Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N65Z-E UTC-4N65Z-E Datasheet
197Kb / 6P
   N-CHANNEL POWER MOSFET
4N65ZG-TF1-T UTC-4N65ZG-TF1-T Datasheet
197Kb / 6P
   N-CHANNEL POWER MOSFET
4N65ZG-TN3-R UTC-4N65ZG-TN3-R Datasheet
197Kb / 6P
   N-CHANNEL POWER MOSFET
4N65ZG-TN3-T UTC-4N65ZG-TN3-T Datasheet
197Kb / 6P
   N-CHANNEL POWER MOSFET
4N65ZL-TF1-T UTC-4N65ZL-TF1-T Datasheet
197Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 4N65Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N65K UTC-4N65K Datasheet
334Kb / 8P
   4A, 650V N-CHANNEL POWER MOSFET
logo
AiT Semiconductor Inc.
AM04N65 AITSEMI-AM04N65 Datasheet
827Kb / 10P
   MOSFET 650V, 4A N-CHANNEL
REV1.0 - JUN 2022
logo
Jiangsu Donghai Semicon...
D4NE65 WXDH-D4NE65 Datasheet
1Mb / 13P
   4A 650V N-channel Enhancement Mode Power MOSFET
E4NE65 WXDH-E4NE65 Datasheet
1Mb / 13P
   4A 650V N-channel Enhancement Mode Power MOSFET
BSJ4N65 WXDH-BSJ4N65 Datasheet
1Mb / 11P
   4A 650V N-channel Super Junction Power MOSFET ?
SJ4N65 WXDH-SJ4N65 Datasheet
1Mb / 11P
   4A 650V N-channel Super Junction Power MOSFET ?
B4NE65 WXDH-B4NE65 Datasheet
1Mb / 13P
   4A 650V N-channel Enhancement Mode Power MOSFET
ESJ4N65 WXDH-ESJ4N65 Datasheet
1Mb / 11P
   4A 650V N-channel Super Junction Power MOSFET ?
logo
Taiwan Semiconductor Co...
TSM4ND65CI TSC-TSM4ND65CI Datasheet
321Kb / 6P
   N-Channel Power MOSFET 650V, 4A, 2.6廓
logo
Jiangsu Donghai Semicon...
4NE65 WXDH-4NE65 Datasheet
1Mb / 13P
   4A 650V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com