Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5N25ZG-TN3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 5N25ZG-TN3-R
Description  3.8A, 250V N-CHANNEL MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N25ZG-TN3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  5N25ZG-TN3-R Datasheet HTML 1Page - Unisonic Technologies 5N25ZG-TN3-R Datasheet HTML 2Page - Unisonic Technologies 5N25ZG-TN3-R Datasheet HTML 3Page - Unisonic Technologies 5N25ZG-TN3-R Datasheet HTML 4Page - Unisonic Technologies 5N25ZG-TN3-R Datasheet HTML 5Page - Unisonic Technologies 5N25ZG-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5N25Z
Preliminary
Power MOSFE
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-853.b
TEST CIRCUITS AND WAVEFORMS(Cont.)
VDS
+
-
DUT
RG
dv/dt controlled by RG
ISD controlled by pulse period
VDD
Same Type
as DUT
ISD
VGS
L
Driver
VGS
(Driver)
ISD
(DUT)
VDS
(DUT)
D=
Gate Pulse Width
Gate Pulse Period
10V
di/dt
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
VDD
VSD
Body Diode Forward
Voltage Drop
IFM, Body Diode Forward Current
Peak Diode Recovery dv/dt Test Circuit and Waveforms


Similar Part No. - 5N25ZG-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N25 UTC-5N25 Datasheet
232Kb / 6P
   3.8A, 250V LOGIC N-CHANNEL MOSFET
5N25G-TN3-R UTC-5N25G-TN3-R Datasheet
232Kb / 6P
   3.8A, 250V LOGIC N-CHANNEL MOSFET
5N25G-TN3-T UTC-5N25G-TN3-T Datasheet
232Kb / 6P
   3.8A, 250V LOGIC N-CHANNEL MOSFET
5N25L-TN3-R UTC-5N25L-TN3-R Datasheet
232Kb / 6P
   3.8A, 250V LOGIC N-CHANNEL MOSFET
5N25L-TN3-T UTC-5N25L-TN3-T Datasheet
232Kb / 6P
   3.8A, 250V LOGIC N-CHANNEL MOSFET
More results

Similar Description - 5N25ZG-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N25 UTC-5N25 Datasheet
232Kb / 6P
   3.8A, 250V LOGIC N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FDP4N60NZ FAIRCHILD-FDP4N60NZ Datasheet
383Kb / 10P
   N-Channel MOSFET 600V, 3.8A, 2.5廓
logo
International Rectifier
IRFR224 IRF-IRFR224 Datasheet
175Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.8A)
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
   250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com