Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5N65ZL-TF1-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 5N65ZL-TF1-T
Description  5A, 650V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N65ZL-TF1-T Datasheet(HTML) 3 Page - Unisonic Technologies

  5N65ZL-TF1-T Datasheet HTML 1Page - Unisonic Technologies 5N65ZL-TF1-T Datasheet HTML 2Page - Unisonic Technologies 5N65ZL-TF1-T Datasheet HTML 3Page - Unisonic Technologies 5N65ZL-TF1-T Datasheet HTML 4Page - Unisonic Technologies 5N65ZL-TF1-T Datasheet HTML 5Page - Unisonic Technologies 5N65ZL-TF1-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5N65Z
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-910.a
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS =0V, ID = 250μA
650
V
Drain-Source Leakage Current
IDSS
VDS =650V, VGS = 0V
1
μA
Gate-Source Leakage Current
Forward
IGSS
VGS =20V, VDS = 0V
+5
μA
Reverse
VGS =-20V, VDS = 0V
-5
Breakdown Voltage Temperature Coefficient
BV
DSS/△TJ
ID =250μA, Referenced to 25°C
0.6
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS =VGS, ID = 250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS =10V, ID = 2.5A
2.0
2.4
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1.0MHz
515 670
pF
Output Capacitance
COSS
55
72
pF
Reverse Transfer Capacitance
CRSS
6.5
8.5
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
VDD = 325V, ID =5A,
RG = 25Ω (Note 1, 2)
10
30
ns
Turn-On Rise Time
tR
42
90
ns
Turn-Off Delay Time
tD(OFF)
38
85
ns
Turn-Off Fall Time
tF
46
100
ns
Total Gate Charge
QG
VDS = 520 V, ID = 5A,
VGS = 10 V (Note 1, 2)
15
19
nC
Gate-Source Charge
QGS
2.5
nC
Gate-Drain Charge
QGD
6.6
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, IS = 5A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
5
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
20
A
Reverse Recovery Time
trr
VGS = 0 V, IS =5A,
dIF / dt = 100 A/μs (Note 1)
300
ns
Reverse Recovery Charge
QRR
2.2
μC
Notes: 1. Pulse Test: Pulse width ≤ 300μs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature


Similar Part No. - 5N65ZL-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N65 UTC-5N65 Datasheet
253Kb / 6P
   5A, 650V N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
5N65 NELLSEMI-5N65 Datasheet
400Kb / 8P
   N-Channel Power MOSFET
logo
Inchange Semiconductor ...
5N65 ISC-5N65 Datasheet
53Kb / 2P
   Fast Switching Speed
logo
DIYI Electronic Technol...
5N65 DYELEC-5N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
logo
Zibo Seno Electronic En...
5N65 ZSELEC-5N65 Datasheet
500Kb / 6P
   N-CHANNEL MOSFET
More results

Similar Description - 5N65ZL-TF1-T

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC745N65 E-CMOS-EC745N65 Datasheet
413Kb / 5P
   650V,5A N-Channel Power MOSFET
logo
Unisonic Technologies
5N65 UTC-5N65 Datasheet
253Kb / 6P
   5A, 650V N-CHANNEL POWER MOSFET
5N65K UTC-5N65K Datasheet
228Kb / 6P
   5A, 650V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com