Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5N70Z Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 5N70Z
Description  5A, 700V LOGIC N-CHANNEL MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N70Z Datasheet(HTML) 6 Page - Unisonic Technologies

  5N70Z Datasheet HTML 1Page - Unisonic Technologies 5N70Z Datasheet HTML 2Page - Unisonic Technologies 5N70Z Datasheet HTML 3Page - Unisonic Technologies 5N70Z Datasheet HTML 4Page - Unisonic Technologies 5N70Z Datasheet HTML 5Page - Unisonic Technologies 5N70Z Datasheet HTML 6Page - Unisonic Technologies 5N70Z Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
5N70Z
Power MOSFE
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-911. D
TEST CIRCUITS AND WAVEFORMS(Cont.)
Switching Test Circuit
Switching Waveforms
Gate Charge Test Circuit
Gate Charge Waveform
D.U.T.
RD
10V
VDS
L
VDD
tp
VDD
tp
Time
BVDSS
IAS
ID(t)
VDS(t)
Unclamped Inductive Switching Test Circuit
Unclamped Inductive Switching Waveforms


Similar Part No. - 5N70Z

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
5N70A YFWDIODE-5N70A Datasheet
1Mb / 7P
   5A 700V N-channel enhanced field effect transistor
logo
Unisonic Technologies
5N70K UTC-5N70K Datasheet
211Kb / 6P
   5A, 700V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
5N70K VBSEMI-5N70K Datasheet
1Mb / 8P
   N-Channel 700 V (D-S) Power MOSFET
logo
Unisonic Technologies
5N70K-MT UTC-5N70K-MT Datasheet
248Kb / 7P
   N-CHANNEL POWER MOSFET
5N70KG-TA3-T UTC-5N70KG-TA3-T Datasheet
248Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 5N70Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N70K UTC-5N70K Datasheet
211Kb / 6P
   5A, 700V N-CHANNEL POWER MOSFET
logo
Bruckewell Technology L...
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
   700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
   700V N-Channel MOSFET
MSF6N70 BWTECH-MSF6N70 Datasheet
959Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD1N70 SEMIHOW-HFD1N70 Datasheet
730Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP6N70 FAIRCHILD-FQP6N70 Datasheet
763Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR10N70FG FOSTER-FIR10N70FG Datasheet
2Mb / 8P
   700V N-Channel MOSFET
logo
Pan Jit International I...
PJU6NA70 PANJIT-PJU6NA70 Datasheet
442Kb / 8P
   700V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com