Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5747375-2 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 5747375-2
Description  HD-20 Straight Posted Connectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5747375-2 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 5747375-2 Datasheet HTML 5Page - Tyco Electronics 5747375-2 Datasheet HTML 6Page - Tyco Electronics 5747375-2 Datasheet HTML 7Page - Tyco Electronics 5747375-2 Datasheet HTML 8Page - Tyco Electronics 5747375-2 Datasheet HTML 9Page - Tyco Electronics 5747375-2 Datasheet HTML 10Page - Tyco Electronics 5747375-2 Datasheet HTML 11Page - Tyco Electronics 5747375-2 Datasheet HTML 12Page - Tyco Electronics 5747375-2 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
84
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
HD-20 All-Plastic Straight Posted Connectors (Continued)
Receptacle
Material and Finish:
Housing—94V-0 rated thermoplastic,
black
Threaded Inserts—Brass, unplated
Female Screwlocks—Brass, nickel
plated
Socket Contacts (Posted)—
Phosphor bronze, plated as follows:
A—.000030 [0.00076] gold on mating
end, tin on termination end, with entire
contact .000050 [0.00127] (min.) nickel
underplated
B—Gold flash on mating end, tin on
termination end, with entire contact
.000050 [0.00127] (min.) nickel
underplated
Technical Documents:
Product Specification—108-40025
Typical Applications
Application of connector with 4-40 Threaded
Inserts using Short Female Screwlocks included
in Kit No. 207952
Application of connector with 4-40 Fixed Female
Screwlocks. (See table on next page.)
Note: Hardware parts in illustrations above are not included with the connectors listed in the table on page 85.
They are to be supplied by the Customer or, where applicable, purchased separately from TE using the part nos.
specified.
Long Female
Screwlock
(1 Kit Req'd.)
Panel
(Optional)
Pc Board
Washer
Hex Nut
Washer
Screw
Pc Board
4-40 Fixed
Female
Screwlock
Pc Board
4-40
Threaded
Insert
Panel
Short Female
Screwlock
(2 Req'd.)
Application of connector with standard mounting
holes using Long Female Screwlock Kit No. 207719
With Standard Mounting Hole
With Threaded Insert
With Fixed Female Screwlock
Mating Face
.479±.015
[12.17±0.38]
.243
[6.17]
.026
[0.66]
Dia.
Typ.
See Table
C
Max.
A
Max.
+.020
D
[-0.508]
+.015
[0.381]
±.010
B
[±0.25]
See customer drawings for pcb layouts.


Similar Part No. - 5747375-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5747375-2 TEC-5747375-2 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5747375-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5747838-6 MACOM-5747838-6 Datasheet
978Kb / 37P
   Right-Angle Posted Connectors
5745395-2 MACOM-5745395-2 Datasheet
1Mb / 37P
   Right-Angle Posted Connectors
5749234-3 MACOM-5749234-3 Datasheet
978Kb / 37P
   Right-Angle Posted Connectors
logo
Molex Electronics Ltd.
45802-0311 MOLEX-45802-0311 Datasheet
903Kb / 2P
   HD Mezz??Connectors
logo
Tyco Electronics
3-641437-4 MACOM-3-641437-4 Datasheet
118Kb / 1P
   MTA 156 POSTED CONNECTOR ASSEMBLY
169341 MACOM-169341 Datasheet
52Kb / 1P
   HANDTOOL FOR HD 20 CONTACTS
logo
TE Connectivity Ltd
C-169341 TEC-C-169341 Datasheet
48Kb / 1P
   HANDTOOL FOR HD 20 CONTACTS
logo
Eorex Corporation
EM47FM0888SBA EOREX-EM47FM0888SBA Datasheet
2Mb / 39P
   Posted CAS by programmable additive latency
logo
Tyco Electronics
644814 MACOM-644814 Datasheet
129Kb / 1P
   MTA-156 POSTED CONNECTOR ASSEMBLY, 22 AWG
logo
Molex Electronics Ltd.
1001890202 MOLEX-1001890202 Datasheet
1Mb / 3P
   4X INT. HD SHORT BODY STRAIGHT
2017/01/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com