Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5102A-JP Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5102A-JP
Description  16-Bit, 100kHz/ 20kHz A/D Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5102A-JP Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5102A-JP Datasheet HTML 4Page - Cirrus Logic CS5102A-JP Datasheet HTML 5Page - Cirrus Logic CS5102A-JP Datasheet HTML 6Page - Cirrus Logic CS5102A-JP Datasheet HTML 7Page - Cirrus Logic CS5102A-JP Datasheet HTML 8Page - Cirrus Logic CS5102A-JP Datasheet HTML 9Page - Cirrus Logic CS5102A-JP Datasheet HTML 10Page - Cirrus Logic CS5102A-JP Datasheet HTML 11Page - Cirrus Logic CS5102A-JP Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
dhlri
t
hold
t
CH1/2
HOLD
CLKIN
thcf
HOLD
rst
t
cal
t
drrs
t
RST
STBY
dfsh4
t
CH1/2
drsh1
t
HOLD
SSH,TRK1,TRK2
dfsh2
t
drsh
t
dfsh1
t
TRK1,TRK2
TRK1,TRK2
TRK1,TRK2
SSH/SDL
Control Output Timing
Reset and Calibration Timing
Channel Selection Timing
a. FRN Mode
b. PDT, RBT Mode
Start Conversion Timing
CS5101A CS5102A
8
DS45F2


Similar Part No. - CS5102A-JP

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5102A-JL CIRRUS-CS5102A-JL Datasheet
574Kb / 39P
   16-bit, 100 kSps / 20 kSps A/D Converters
CS5102A-JLZ CIRRUS-CS5102A-JLZ Datasheet
574Kb / 39P
   16-bit, 100 kSps / 20 kSps A/D Converters
More results

Similar Description - CS5102A-JP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MN6500 ETC1-MN6500 Datasheet
1Mb / 8P
   100kHz 16-Bit, A/D CONVERTER
logo
API Technologies Corp
MN6500 APITECH-MN6500 Datasheet
1Mb / 8P
   16-bit, 100kHz Sampling A/D Converter
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
ADS-933 MURATA-PS-ADS-933 Datasheet
134Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
   16-Bit, 5MHz Sampling A/D Converters
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
   16-Bit, 10MHz Sampling A/D Converters
logo
Analog Devices
ADDAC71 AD-ADDAC71_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
ADDAC72 AD-ADDAC72_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
logo
List of Unclassifed Man...
ADS-930 ETC1-ADS-930 Datasheet
603Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com