Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25F512B-SSH-T Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AT25F512B-SSH-T
Description  512-Kbit 2.7V Minimum SPI Serial Falsh Memory
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25F512B-SSH-T Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AT25F512B-SSH-T Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25F512B-SSH-T Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25F512B-SSH-T Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25F512B-SSH-T Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25F512B-SSH-T Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25F512B-SSH-T Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25F512B-SSH-T Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25F512B-SSH-T Datasheet HTML 10Page - List of Unclassifed Manufacturers AT25F512B-SSH-T Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7
3689D–DFLASH–11/2012
AT25F512B
7.
Read Commands
7.1
Read Array
The Read Array command can be used to sequentially read a continuous stream of data from
the device by simply providing the clock signal once the initial starting address has been speci-
fied. The device incorporates an internal address counter that automatically increments on every
clock cycle.
Two opcodes (0Bh and 03h) can be used for the Read Array command. The use of each
opcode depends on the maximum clock frequency that will be used to read data from the
device. The 0Bh opcode can be used at any clock frequency up to the maximum specified by
f
CLK, and the 03h opcode can be used for lower frequency read operations up to the maximum
specified by f
RDLF.
To perform the Read Array operation, the CS pin must first be asserted and the appropriate
opcode (0Bh or 03h) must be clocked into the device. After the opcode has been clocked in, the
three address bytes must be clocked in to specify the starting address location of the first byte to
read within the memory array. Following the three address bytes, an additional dummy byte
needs to be clocked into the device if the 0Bh opcode is used for the Read Array operation.
After the three address bytes (and the dummy byte if using opcode 0Bh) have been clocked in,
additional clock cycles will result in data being output on the SO pin. The data is always output
with the MSB of a byte first. When the last byte (00FFFFh) of the memory array has been read,
the device will continue reading back at the beginning of the array (000000h). No delays will be
incurred when wrapping around from the end of the array to the beginning of the array.
Deasserting the CS pin will terminate the read operation and put the SO pin into a high-imped-
ance state. The CS pin can be deasserted at any time and does not require that a full byte of
data be read.
Figure 7-1.
Read Array - 0Bh Opcode
Figure 7-2.
Read Array - 03h Opcode
SCK
CS
SI
SO
MSB
MSB
23
1
0
00001011
67
5
410 11
9
812
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
OPCODE
AAAA
AAA
A
A
MSB
XXXXXXX
X
MSB
MSB
DDDDDDD
D
D
D
ADDRESS BITS A23-A0
DON'T CARE
DATA BYTE 1
HIGH-IMPEDANCE
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000011
67
5
410 11
9
812
37 38
33
36
35
34
31 32
29 30
39 40
OPCODE
AAAA
AAA
A
A
MSB
MSB
DDDDDDD
D
D
D
ADDRESS BITS A23-A0
DATA BYTE 1
HIGH-IMPEDANCE


Similar Part No. - AT25F512B-SSH-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25F512B-SSH-T ATMEL-AT25F512B-SSH-T Datasheet
864Kb / 34P
   512-Kilobit 2.7-volt Minimum SPI Serial Flash Memory
More results

Similar Description - AT25F512B-SSH-T

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25DF512C DIALOG-AT25DF512C Datasheet
1Mb / 43P
   512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25DN512C DIALOG-AT25DN512C Datasheet
1Mb / 41P
   512-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
List of Unclassifed Man...
AT25DN512C ETC2-AT25DN512C_14 Datasheet
1Mb / 41P
   512-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Renesas Technology Corp
AT25XE512C RENESAS-AT25XE512C Datasheet
2Mb / 41P
   512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
logo
List of Unclassifed Man...
AT25DF081A ETC2-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT25DF081A DIALOG-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
AT25XE512C DIALOG-AT25XE512C Datasheet
1Mb / 42P
   512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Renesas Technology Corp
AT25DF512C RENESAS-AT25DF512C Datasheet
2Mb / 42P
   512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
AT25DN512C RENESAS-AT25DN512C Datasheet
2Mb / 40P
   512-Kbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
AT25DF081A RENESAS-AT25DF081A Datasheet
1Mb / 53P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
2/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com