Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFF30 Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # IRFF30
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRFF30 Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  IRFF30 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRFF30 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRFF30 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRFF30 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRFF30 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRFF30 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRFF30 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
www.nellsemi.com
Page 4 of 7
Fig.5 Typical capacitance vs. Drain-to-Source
voltage
Fig.6 Typical source-drain diode forward
voltage
0
0.8
0.4
0.6
1.0
0
10
1
10
1000
500
2000
1500
3000
Drain-
voltage, V
(V)
SD
Source
0.7
Drain voltage, V
(V)
SD
Source-
1
10
0
10
Fig.7 Typical gate charge vs. gate-to-source
voltage
Fig.8 Maximum safe operating area
Fig.9 Maximum drain current vs.
Case temperature
0
40
20
10
2
10
1
2
10
3
10
4
3
2
1
25
50
75
100
125
150
Case temperature, T (°C)
C
Total gate charge, Q (nC)
G
10
1
Drain-source voltage, V
(V)
DS
0
60
80
0.1
2500
IRFF30 Series
C
=
(
)
iss
C
+C
C
shorted
gs
gd
ds
C
= C
+C
oss
ds
gd
C
= C
rss
gd
V
= 0V, f = 1MHz
GS
Crss
Coss
Ciss
V
= 0V
GS
25ºC
150ºC
V
= 360V
DS
V
= 90V
DS
V
= 180V
DS
0
4
8
12
16
20
I = 3.6 A
D
Operation in This Area is Limited by RDS(ON)
Note:
1. T
2. T
= 25°C
C
= 150°C
J
3. Single Pulse
10µs
100µs
1ms
10ms
4
10
-1
10
0.9
0.5


Similar Part No. - IRFF30

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF310 INTERSIL-IRFF310 Datasheet
326Kb / 7P
   1.35A, 400V, 3.600 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRFF310 IRF-IRFF310 Datasheet
129Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-205AF)
logo
Seme LAB
IRFF310 SEME-LAB-IRFF310 Datasheet
16Kb / 1P
   N-Channel MOSFET in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
IRFF310 NJSEMI-IRFF310 Datasheet
1,003Kb / 3P
   1.35A, 400V, 3.600 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRFF320 INTERSIL-IRFF320 Datasheet
325Kb / 7P
   2.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET
More results

Similar Description - IRFF30

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com