Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFF30 Datasheet(PDF) 7 Page - Nell Semiconductor Co., Ltd

Part # IRFF30
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRFF30 Datasheet(HTML) 7 Page - Nell Semiconductor Co., Ltd

  IRFF30 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRFF30 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRFF30 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRFF30 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRFF30 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRFF30 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRFF30 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
TO-3PB
15.6±0.4
9.6
2
3
1.05
+0.2
-0.1
5.45±0.1
5.45±0.1
Φ3.2 0,1
±
4.8±0.2
2.0±0.1
0.65
+0.2
-0.1
1.4
G
D
S
1
2
3
All dimensions in millimeters(inches)
D (Drain)
G
(Gate)
S (Source)
www.nellsemi.com
Page 7 of 7
All dimensions in millimeters(inches)
D (Drain)
G
(Gate)
S (Source)
TO-247AB
5.38 (0.212)
6.20 (0.244)
15.49 (0.610)
16.26 (0.640)
16.15 (0.242)
20.80 (0.819)
21.
(0.845)
46
19.81 (0.780)
20.32 (0.800)
4.50 (0.177)Max
1.01 (0.040)
1.40 (0.055)
5.45 (0.215)
5.45 (0.215)
1.65 (0.065)
2.13 (0.084)
2.87 (0.113)
3.12 (0.123)
3.55 (0.138)
3.81 (0.150)
(TYP.)
(TYP.)
G
S
D
4.69 (0.185)
5.31 (0.209)
1.49 (0.059)
2.49 (0.098)
0.40 (0.016)
0.79 (0.031)
2.21 (0.087)
2.59 (0.102)
IRFF30 Series


Similar Part No. - IRFF30

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF310 INTERSIL-IRFF310 Datasheet
326Kb / 7P
   1.35A, 400V, 3.600 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRFF310 IRF-IRFF310 Datasheet
129Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-205AF)
logo
Seme LAB
IRFF310 SEME-LAB-IRFF310 Datasheet
16Kb / 1P
   N-Channel MOSFET in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
IRFF310 NJSEMI-IRFF310 Datasheet
1,003Kb / 3P
   1.35A, 400V, 3.600 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRFF320 INTERSIL-IRFF320 Datasheet
325Kb / 7P
   2.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET
More results

Similar Description - IRFF30

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com