Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5786555-5 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 5786555-5
Description  AMPLIMITE .050 Series Cable Assemblies, Series III
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5786555-5 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 5786555-5 Datasheet HTML 3Page - Tyco Electronics 5786555-5 Datasheet HTML 4Page - Tyco Electronics 5786555-5 Datasheet HTML 5Page - Tyco Electronics 5786555-5 Datasheet HTML 6Page - Tyco Electronics 5786555-5 Datasheet HTML 7Page - Tyco Electronics 5786555-5 Datasheet HTML 8Page - Tyco Electronics 5786555-5 Datasheet HTML 9Page - Tyco Electronics 5786555-5 Datasheet HTML 10Page - Tyco Electronics 5786555-5 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
12
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
AMPLIMITE .050 Series Cable Plug Connectors, Series III
Materials:
Housing and Covers—
Thermoplastic, 94V-0 rated, black or
gray
Contacts—Phosphor bronze, duplex
plated .000030 [0.00076] min. gold on
mating end, tin on termination end, all
underplated .nickel
Shell—Steel, plated tin-nickel alloy
over nickel over min. copper
Recommended wire size—
28 AWG [0.08-0.09mm2] or
30 AWG [0.05mm2], solid or
7 strand, with a .029-.036
[0.74-0.89] insulation diameter.
Technical Documents:
Product Specifications—108-1228
Application Specifications—
114-40029
Instruction Sheet—408-9427
B
Housing
.050
[1.27]
Typ.
.224
[5.69]
.100
[2.54]
Typ.
+.003
.327 -.002
+0.08
[8.31-0.05]
.588±.010
[14.94±0.25]
Typ.
Mating Face
Shell
±.003
D
[±0.08]
±.003
A [±0.08]
Typ.
Termination
Area
Typ.
Shielded Plugs
Shielded Plug with Unassembled Wire Lacing Termination Covers
Shielded Plug
Wire Lacing Termination Covers
Part Numbers
No. of
Dimensions
.032-.036
.029-.031
Pos.
AB
D
[0.81-0.91]
[0.74-0.79]
Outer Wire Dia. Black
Outer Wire Dia. Gray
.293
.600
.979
26
7.44
15.24
24.87
5750913-2
1-5750913-2
.293
1.200
1.579
50
7.44
30.48
40.11
5750913-5
1-5750913-5
.293
1.650
2.029
68
7.44
41.91
51.54
5750913-7
1-5750913-7
.373
2.450
2.829
100
9.47
62.23
71.86
1-5750913-9
Notes: 1. Plug connector requires backshell kit for complete assembly. Refer to pages 16-19 for backshell kit part
numbers.
2. For termination, cover closing and wire lacing tooling, see page 14.
Connector With Unassembled Wire Lacing Termination Covers


Similar Part No. - 5786555-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5786555-5 MACOM-5786555-5 Datasheet
922Kb / 32P
   AMPLIMITE Subminiature D Connectors
5786555-5 MACOM-5786555-5 Datasheet
1Mb / 32P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 5786555-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
58430-1 MACOM-58430-1 Datasheet
922Kb / 32P
   AMPLIMITE .050 Series Cable Assemblies, Series III
5-749877-9 MACOM-5-749877-9 Datasheet
64Kb / 1P
   AMPLIMITE .050 Series Panel Mount Flat Top Receptacle Assemblies
logo
List of Unclassifed Man...
787169-5 ETC-787169-5 Datasheet
479Kb / 4P
   AMPLIMITE .050 Series Connector
Revised 9-96
logo
Tyco Electronics
5749070-9 MACOM-5749070-9 Datasheet
137Kb / 1P
   RECEPTACLE ASSEMBLY, SHIELDED, VERTICAL, AMPLIMITE .050 Series
5787082-2 MACOM-5787082-2 Datasheet
253Kb / 1P
   RECEPTACLE ASSEMBLY, SHIELDED, RIGHT ANGLE, .050 SERIES AMPLIMITE
1-787082-8 MACOM-1-787082-8 Datasheet
242Kb / 1P
   RECEPTACLE ASSEMBLY, SHIELDED, RIGHT ANGLE, .050 SERIES, AMPLIMITE
749556-1 MACOM-749556-1 Datasheet
65Kb / 1P
   PLUG SUBASSEMBLY, 40 POSITION, TERMINATION CONNECTOR, AMPLIMITE .050 Series
2-174339-5 MACOM-2-174339-5 Datasheet
50Kb / 1P
   CAP HEADER (VERTICAL/M.2.5) AMPLIMITE .050 SERIES II CONN. TYPE B
logo
Adam Technologies, Inc.
S2APF501 ADAM-TECH-S2APF501 Datasheet
203Kb / 2P
   .050 [1.27] SCSI II/III IDC FLAT CABLE TERMINATION
S2A-SV ADAM-TECH-S2A-SV Datasheet
155Kb / 1P
   .050 [1.27] SCSI II/III IDC FLAT CABLE TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com