Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3045PT Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # MBR3045PT
Description  Dual Common-Cathode Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MBR3045PT Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  MBR3045PT Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MBR3045PT Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MBR3045PT Datasheet HTML 3Page - Nell Semiconductor Co., Ltd MBR3045PT Datasheet HTML 4Page - Nell Semiconductor Co., Ltd MBR3045PT Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell Semiconductors
www.nellsemi.com
Page 3 of 5
THERMAL - MECHANICAL SPECIFICATIONS
UNIT
TEST CONDITIONS
PARAMETER
VALUE
SYMBOL
Maximum junction temperature range
TJ
RthJC
RthCS
-65 to 150
-65 to 175
1.4
0.4
0.22
6 (5)
12 (10)
°C/W
°C
Tstg
Maximum storage temperature range
Maximum thermal resistance,
junction to case
Typical thermal resistance,
case to heatsink
Approximate weight
Mounting torque
minimum
maximum
DC operation
Mounting surface, smooth
and greased
.
kgf cm
.
(lbf in)
6.2
g
oz.
MBR3045PT
MBR3060PT
1.4
0.4
6.2
0.22
MBR
30
1
-
2
-
Ordering Information Table
Device code
3
2
45
PT
4
-
3
-
4
Schottky MBR series
Current rating (30 = 30A, 15A x 2)
Voltage ratings, 45 =45V, 60=60V
Circuit configuration, Center tap common cathode,
TO-247AB series package.
MBR3045PT / MBR3060PT Series
6 (5)
12 (10)
1


Similar Part No. - MBR3045PT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR3045PT FAIRCHILD-MBR3045PT Datasheet
55Kb / 3P
   Schottky Rectifiers
logo
Pan Jit International I...
MBR3045PT PANJIT-MBR3045PT Datasheet
50Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Nantong Hornby Electron...
MBR3045PT HORNBY-MBR3045PT Datasheet
318Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR3045PT DIODES-MBR3045PT Datasheet
64Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. E-2
logo
Taiwan Semiconductor Co...
MBR3045PT TSC-MBR3045PT Datasheet
133Kb / 2P
   30.0AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR3045PT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com