Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5208-3.6BMM Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5208-3.6BMM
Description  Dual 50mA LDO Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5208-3.6BMM Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC5208-3.6BMM Datasheet HTML 1Page - Micrel Semiconductor MIC5208-3.6BMM Datasheet HTML 2Page - Micrel Semiconductor MIC5208-3.6BMM Datasheet HTML 3Page - Micrel Semiconductor MIC5208-3.6BMM Datasheet HTML 4Page - Micrel Semiconductor MIC5208-3.6BMM Datasheet HTML 5Page - Micrel Semiconductor MIC5208-3.6BMM Datasheet HTML 6Page - Micrel Semiconductor MIC5208-3.6BMM Datasheet HTML 7Page - Micrel Semiconductor MIC5208-3.6BMM Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MIC5208
6
1997
MIC5208
Micrel
No-Load Stability
The MIC5208 will remain stable and in regulation with no load
(other than the internal voltage divider) unlike many other
voltage regulators. This is especially important in CMOS RAM
keep-alive applications.
Thermal Shutdown
Thermal shutdown is independent on both halves of the dual
MIC5208, however, an overtemperature condition in one half
may affect the other half because of proximity.
Thermal Considerations
Multilayer boards having a ground plane, wide traces near the
pads, and large supply bus lines provide better thermal
conductivity.
The MIC5208-xxBMM (8-lead MSOP) has a thermal resis-
tance of 200
°C/W when mounted on a FR4 board with
minimum trace widths and no ground plane.
PC Board
θ
JA
Dielectric
FR4
200
°C
MSOP Thermal Characteristics
For additional heat sink characteristics, please refer to Micrel
Application Hint 17, “Calculating P.C. Board Heat Sink Area
For Surface Mount Packages”.
Applications Information
Supply/Ground
Both MIC5208 GND pins must be connected to the same
ground potential. INA and INB can each be connected to a
different supply.
Enable/Shutdown
ENA (enable/shutdown) and ENB may be enabled sepa-
rately. Forcing ENA/B high (> 2V) enables the associated
regulator. ENA/B requires a small amount of current, typically
15
µA. While the logic threshold is TTL/CMOS compatible,
ENA/B may be forced as high as 20V, independent of V
IN.
Input Capacitor
A 0.1
µF capacitor should be placed from IN to GND if there is
more than 10 inches of wire between the input and the ac filter
capacitor or if a battery is used as the input.
Output Capacitor
An output capacitor is required between OUT and GND to
prevent oscillation. Larger values improve the regulator’s
transient response. The output capacitor value may be in-
creased without limit.
The output capacitor should have an ESR (effective series
resistance) of about 5
Ω or less and a resonant frequency
above 500kHz. Most tantalum or aluminum electrolytic ca-
pacitors are adequate; film types will work, but are more
expensive. Since many aluminum electrolytics have electro-
lytes that freeze at about –30
°C, solid tantalums are recom-
mended for operation below –25
°C.
At lower values of output current, less output capacitance is
required for output stability. The capacitor can be reduced to
0.22
µF for current below 10mA or 0.1µF for currents below
1mA.


Similar Part No. - MIC5208-3.6BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5208-3.6BMM MICREL-MIC5208-3.6BMM Datasheet
54Kb / 6P
   Dual 50mA LDO Voltage Regulator Preliminary Information
More results

Similar Description - MIC5208-3.6BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5208 MICREL-MIC5208 Datasheet
54Kb / 6P
   Dual 50mA LDO Voltage Regulator Preliminary Information
logo
E-CMOS Corporation
EC8841 E-CMOS-EC8841 Datasheet
952Kb / 12P
   50mA Ultra-Low Quiescent Current LDO Linear Regulator
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
logo
Unisonic Technologies
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
   150mA DUAL LDO REGULATOR
logo
Micrel Semiconductor
MIC68220 MICREL-MIC68220_10 Datasheet
1Mb / 17P
   Dual 2A LDO Regulator
logo
Eutech Microelectronics...
EUP7522 EUTECH-EUP7522 Datasheet
328Kb / 9P
   Dual, 600mA LDO Regulator
logo
Micrel Semiconductor
MIC5210 MICREL-MIC5210_06 Datasheet
194Kb / 11P
   Dual 150mA LDO Regulator
MIC68220 MICREL-MIC68220 Datasheet
1Mb / 18P
   Dual 2A LDO Regulator
logo
ADDtek Corp
AMC76386 ADDTEK-AMC76386 Datasheet
229Kb / 8P
   Dual 450mA LDO REGULATOR
JUNE 2006
logo
Global Mixed-mode Techn...
G926 GMT-G926_06 Datasheet
335Kb / 8P
   Dual 500mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com