Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5208-5.0BMM Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5208-5.0BMM
Description  Dual 50mA LDO Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5208-5.0BMM Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5208-5.0BMM Datasheet HTML 1Page - Micrel Semiconductor MIC5208-5.0BMM Datasheet HTML 2Page - Micrel Semiconductor MIC5208-5.0BMM Datasheet HTML 3Page - Micrel Semiconductor MIC5208-5.0BMM Datasheet HTML 4Page - Micrel Semiconductor MIC5208-5.0BMM Datasheet HTML 5Page - Micrel Semiconductor MIC5208-5.0BMM Datasheet HTML 6Page - Micrel Semiconductor MIC5208-5.0BMM Datasheet HTML 7Page - Micrel Semiconductor MIC5208-5.0BMM Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1997
5
MIC5208
MIC5208
Micrel
Typical Characteristics
0.01
0.1
1
10
100
1000
FREQUENCY (Hz)
Output Impedance
I
L = 100µA
I
L = 1mA
I
L = 50mA
-400
-200
0
200
-50
0
50
100
-1
01
234
567
8
TIME (ms)
Load Transient
C
OUT = 1µF
V
IN = VOUT + 1
-50
0
50
100
-5
0
5
10
15
20
TIME (ms)
-200
-100
0
100
Load Transient
C
OUT = 10µF
V
IN = VOUT + 1
0
20
40
60
80
100
FREQUENCY (Hz)
Ripple Voltage
vs. Frequency
I
L = 100µA
C
L = 1µF
V
IN = VOUT + 1
-2
-1
0
1
2
3
2
4
6
8
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
TIME (ms)
Line Transient
(MIC5208-3.3)
C
L = 1µF
I
L = 1mA
-1
0
1
2
3
4
5
-2
0
2
4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
TIME (ms)
Enable Characteristics
(MIC5208-3.3)
C
L = 1µF
I
L = 100µA
0
20
40
60
80
100
FREQUENCY (Hz)
Ripple Voltage
vs. Frequency
I
L = 50mA
C
L = 1µF
V
IN = VOUT + 1
0.50
0.75
1.00
1.25
1.50
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Enable Voltage
vs. Temperature
C
IN = 10µF
C
OUT = 1µF
I
L = 1mA
V
ON
V
OFF
0
10
20
30
40
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
Enable Current
vs. Temperature
C
IN = 10µF
C
OUT = 1µF
I
L = 1mA
V
EN = 5V
V
EN = 2V
-1
0
1
2
2
4
6
8
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
TIME (ms)
Line Transient
(MIC5208-3.3)
C
L = 11µF
I
L = 1mA
0
20
40
60
80
100
FREQUENCY (Hz)
Ripple Voltage
vs. Frequency
I
L = 1mA
C
L = 1µF
V
IN = VOUT + 1
-1.0
0.0
1.0
2.0
3.0
4.0
-2
0
2
4
-2
02
46
8
10
TIME (
µs)
Enable Characteristics
(MIC5208-3.3)
C
L = 1µF
I
L = 100µA


Similar Part No. - MIC5208-5.0BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5208-5.0BMM MICREL-MIC5208-5.0BMM Datasheet
54Kb / 6P
   Dual 50mA LDO Voltage Regulator Preliminary Information
More results

Similar Description - MIC5208-5.0BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5208 MICREL-MIC5208 Datasheet
54Kb / 6P
   Dual 50mA LDO Voltage Regulator Preliminary Information
logo
E-CMOS Corporation
EC8841 E-CMOS-EC8841 Datasheet
952Kb / 12P
   50mA Ultra-Low Quiescent Current LDO Linear Regulator
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
logo
Unisonic Technologies
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
   150mA DUAL LDO REGULATOR
logo
Micrel Semiconductor
MIC68220 MICREL-MIC68220_10 Datasheet
1Mb / 17P
   Dual 2A LDO Regulator
logo
Eutech Microelectronics...
EUP7522 EUTECH-EUP7522 Datasheet
328Kb / 9P
   Dual, 600mA LDO Regulator
logo
Micrel Semiconductor
MIC5210 MICREL-MIC5210_06 Datasheet
194Kb / 11P
   Dual 150mA LDO Regulator
MIC68220 MICREL-MIC68220 Datasheet
1Mb / 18P
   Dual 2A LDO Regulator
logo
ADDtek Corp
AMC76386 ADDTEK-AMC76386 Datasheet
229Kb / 8P
   Dual 450mA LDO REGULATOR
JUNE 2006
logo
Global Mixed-mode Techn...
G926 GMT-G926_06 Datasheet
335Kb / 8P
   Dual 500mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com