Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10N70ZL-TF1-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 10N70ZL-TF1-T
Description  10A, 700V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N70ZL-TF1-T Datasheet(HTML) 6 Page - Unisonic Technologies

  10N70ZL-TF1-T Datasheet HTML 1Page - Unisonic Technologies 10N70ZL-TF1-T Datasheet HTML 2Page - Unisonic Technologies 10N70ZL-TF1-T Datasheet HTML 3Page - Unisonic Technologies 10N70ZL-TF1-T Datasheet HTML 4Page - Unisonic Technologies 10N70ZL-TF1-T Datasheet HTML 5Page - Unisonic Technologies 10N70ZL-TF1-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
10N70Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-935,A
TYPICAL CHARACTERISTICS
Drain Current vs. Drain-Source
Breakdown Voltage
Drain-Source Breakdown Voltage, BVDSS (V)
0
Drain Current vs. Gate Threshold Voltage
Gate Threshold Voltage, VTH (V)
24
13
0
50
100
150
200
250
300
0
200
600
800
1000
400
0
50
100
150
200
250
300
Drain-Source On-State Resistance
Characteristics
Drain to Source Voltage, VDS (V)
0
01
2
3
4
VGS=10V, ID=5A
5
0
Drain Current vs. Source to Drain Voltage
Source to Drain Voltage, VSD (V)
0.25
0.5
0.75
1
1.25
0
2
4
6
8
10
14
12
1
2
3
4
5
7
6
67
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 10N70ZL-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N70ZL-TF1-T UTC-10N70ZL-TF1-T Datasheet
190Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 10N70ZL-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N70T UTC-10N70T Datasheet
190Kb / 6P
   10A, 700V N-CHANNEL POWER MOSFET
10N70 UTC-10N70 Datasheet
196Kb / 6P
   10A, 700V N-CHANNEL POWER MOSFET
logo
Thinki Semiconductor Co...
TSF10N70C THINKISEMI-TSF10N70C Datasheet
1Mb / 4P
   10A,700V Insulated N-Channel Type Power MOSFET
logo
DIYI Electronic Technol...
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
   700V N-Channel Power MOSFET
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
   700V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N70 DYELEC-6N70 Datasheet
2Mb / 8P
   700V N-Channel Power MOSFET
7N70L DYELEC-7N70L Datasheet
2Mb / 6P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70_12 Datasheet
3Mb / 8P
   700V N-Channel Power MOSFET
TSM2N70 TSC-TSM2N70 Datasheet
211Kb / 7P
   700V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com