Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12N06ZG-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 12N06ZG-TN3-R
Description  12A, 60V N-CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12N06ZG-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  12N06ZG-TN3-R Datasheet HTML 1Page - Unisonic Technologies 12N06ZG-TN3-R Datasheet HTML 2Page - Unisonic Technologies 12N06ZG-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
12N06Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-767.A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
TC = 25°C
ID
12
A
Pulsed
IDM
48
A
Total Dissipation at TC = 25°C
PTOT
30
W
Peak Diode Recovery dv/dt
dv/dt
15
V/ns
Avalanche Energy
EAS
140
mJ
Junction Temperature
TJ
-55~+175
°C
Storage Temperature Range
TSTG
-55~+175
°C
Notes:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient Max
θJA
100
°C/W
Junction to Case Max
θJC
5
°C/W
ELECTRICAL CHARACTERISTICS (TCASE=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250μA
60
V
Drain-Source Leakage Current
IDSS
VDS=60V
1
µA
Gate- Source Leakage Current
Forward
IGSS
VGS=±20V
±
10
µA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1
3
V
Static Drain-Source On-State Resistance
RDS(ON)
VDS=10V, ID=6A
0.08
0.1
On State Drain Current
ID(ON)
VGS=10V, VDS=1V
5
30
A
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=25V, f=1MHz, VGS=0V
350
pF
Output Capacitance
COSS
75
pF
Reverse Transfer Capacitance
CRSS
30
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=5V, ID=12A, VDD=48V
7.5
10
nC
Gate to Source Charge
QGS
2.5
nC
Gate to Drain Charge
QGD
3.0
nC
Turn-ON Delay Time
tD(ON)
VDD=30V, ID=6A, RG=4.7Ω,
VGS=0~10V
10
ns
Rise Time
tR
35
ns
Turn-OFF Delay Time
tD(OFF)
20
ns
Fall-Time
tF
13
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
12
A
Maximum Body-Diode Pulsed Current
ISM
48
A
Drain-Source Diode Forward Voltage
VSD
IS=12A
1.5
V


Similar Part No. - 12N06ZG-TN3-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
12N06ZG-TN3-R VBSEMI-12N06ZG-TN3-R Datasheet
1,002Kb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - 12N06ZG-TN3-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTD2955V ONSEMI-MTD2955V Datasheet
74Kb / 10P
   Power MOSFET 12A, 60V P-Channel DPAK
April, 2004 ??Rev. 7
logo
Intersil Corporation
RFD3055 INTERSIL-RFD3055 Datasheet
82Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD3055SM9A FAIRCHILD-RFD3055SM9A Datasheet
424Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
RFP3055 FAIRCHILD-RFP3055 Datasheet
418Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
HUFA76407P3 FAIRCHILD-HUFA76407P3 Datasheet
209Kb / 10P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76407P3 INTERSIL-HUF76407P3 Datasheet
340Kb / 9P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76407P3 FAIRCHILD-HUF76407P3 Datasheet
209Kb / 10P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
STMicroelectronics
STD12NF06L STMICROELECTRONICS-STD12NF06L_07 Datasheet
323Kb / 14P
   N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
logo
New Jersey Semi-Conduct...
MTP3055E NJSEMI-MTP3055E Datasheet
115Kb / 3P
   N-CHANNEL 60V-0.1Q-12A TO-220 STripFET??MOSFET
logo
STMicroelectronics
MTP3055E STMICROELECTRONICS-MTP3055E Datasheet
81Kb / 8P
   N - CHANNEL 60V - 0.1ohm - 12A TO-220 STripFET MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com