Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12N25VL-TA3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 12N25VL-TA3-T
Description  12A, 250V N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12N25VL-TA3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  12N25VL-TA3-T Datasheet HTML 1Page - Unisonic Technologies 12N25VL-TA3-T Datasheet HTML 2Page - Unisonic Technologies 12N25VL-TA3-T Datasheet HTML 3Page - Unisonic Technologies 12N25VL-TA3-T Datasheet HTML 4Page - Unisonic Technologies 12N25VL-TA3-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
12N25V
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-917,A
TEST CIRCUITS AND WAVEFORMS
Same Type
as D.U.T.
L
VDD
Driver
VGS
RG
-
VDS
D.U.T.
+
* dv/dt controlled by RG
* ISD controlled by pulse period
* D.U.T.-Device Under Test
-
+
Peak Diode Recovery dv/dt Test Circuit
P. W.
Period
D=
VGS
(Driver)
ISD
(D.U.T.)
IFM, Body Diode Forward Current
di/dt
IRM
Body Diode Reverse Current
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
VDD
10V
VDS
(D.U.T.)
VGS=
P.W.
Period
Peak Diode Recovery dv/dt Waveforms


Similar Part No. - 12N25VL-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N25 UTC-12N25 Datasheet
194Kb / 5P
   12A, 250V N-CHANNEL POWER MOSFET
12N25G-TA3-T UTC-12N25G-TA3-T Datasheet
194Kb / 5P
   12A, 250V N-CHANNEL POWER MOSFET
12N25G-TN3-R UTC-12N25G-TN3-R Datasheet
194Kb / 5P
   12A, 250V N-CHANNEL POWER MOSFET
12N25G-TN3-T UTC-12N25G-TN3-T Datasheet
194Kb / 5P
   12A, 250V N-CHANNEL POWER MOSFET
12N25L-TA3-T UTC-12N25L-TA3-T Datasheet
194Kb / 5P
   12A, 250V N-CHANNEL POWER MOSFET
More results

Similar Description - 12N25VL-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N25 UTC-12N25 Datasheet
194Kb / 5P
   12A, 250V N-CHANNEL POWER MOSFET
logo
Rohm
RCJ120N25 ROHM-RCJ120N25 Datasheet
726Kb / 14P
   Nch 250V 12A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM600N25E TSC-TSM600N25E Datasheet
456Kb / 7P
   250V N-Channel Power MOSFET
logo
Intersil Corporation
FRM244D INTERSIL-FRM244D Datasheet
47Kb / 6P
   12A, 250V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
logo
Unisonic Technologies
12N65 UTC-12N65 Datasheet
374Kb / 7P
   12A, 650V N-CHANNEL POWER MOSFET
UT3055 UTC-UT3055 Datasheet
158Kb / 2P
   12A, 25V N-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
H12N65 HSMC-H12N65 Datasheet
206Kb / 6P
   N-Channel Power MOSFET (650V,12A)
logo
Unisonic Technologies
12N60 UTC-12N60_12 Datasheet
371Kb / 7P
   12A, 600V N-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
H12N60 HSMC-H12N60 Datasheet
156Kb / 4P
   N-Channel Power MOSFET (600V,12A)
logo
Unisonic Technologies
12N06Z UTC-12N06Z Datasheet
194Kb / 3P
   12A, 60V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com