Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS493302-IL Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS493302-IL
Description  Multi-Standard Audio Decoder Family
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS493302-IL Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS493302-IL Datasheet HTML 4Page - Cirrus Logic CS493302-IL Datasheet HTML 5Page - Cirrus Logic CS493302-IL Datasheet HTML 6Page - Cirrus Logic CS493302-IL Datasheet HTML 7Page - Cirrus Logic CS493302-IL Datasheet HTML 8Page - Cirrus Logic CS493302-IL Datasheet HTML 9Page - Cirrus Logic CS493302-IL Datasheet HTML 10Page - Cirrus Logic CS493302-IL Datasheet HTML 11Page - Cirrus Logic CS493302-IL Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
CS49300 Family DSP
8
DS339PP4
1.7. Switching Characteristics — Intel® Host Mode
(TA = 25 °C; VA, VD[3:1] = 2.5 V ±5%; Inputs: Logic 0 = DGND, Logic 1 = VD, CL = 20 pF)
Notes: 1. Certain timing parameters are normalized to the DSP clock, DCLKP, in nanoseconds. DCLKP =
1/DCLK. The DSP clock can be defined as follows:
External CLKIN Mode:
DCLK == CLKIN/4 before and during boot
DCLK == CLKIN after boot
Internal Clock Mode:
DCLK == 10MHz before and during boot, i.e. DCLKP == 100ns
DCLK == 65 MHz after boot, i.e. DCLKP == 15.4ns
It should be noted that DCLK for the internal clock mode is application specific. The application code
users guide should be checked to confirm DCLK for the particular application.
2. This specification is characterized but not production tested. A 470 ohm pull-up resistor was used for
characterization to minimize the effects of external bus capacitance.
3. See Tidd from Intel Host Mode in Table 6 on page 43
Parameter
Symbol
Min
Max
Unit
Address setup before CS and RD low or CS and WR low
Tias
5-
ns
Address hold time after CS and RD low or CS and WR low
Tiah
5-
ns
Delay between RD then CS low or CS then RD low
Ticdr
0
ns
Data valid after CS and RD low
(Note 3)
Tidd
-21
ns
CS and RD low for read
(Note 1)
Tirpw
DCLKP + 10
-
ns
Data hold time after CS or RD high
Tidhr
5-
ns
Data high-Z after CS or RD high
(Note 2)
Tidis
-22
ns
CS or RD high to CS and RD low for next read
(Note 1)
Tird
2*DCLKP + 10
-
ns
CS or RD high to CS and WR low for next write
(Note 1)
Tirdtw
2*DCLKP + 10
-
ns
Delay between WR then CS low or CS then WR low
Ticdw
0
ns
Data setup before CS or WR high
Tidsu
20
-
ns
CS and WR low for write
(Note 1)
Tiwpw
DCLKP + 10
-
ns
Data hold after CS or WR high
Tidhw
5-
ns
CS or WR high to CS and RD low for next read
(Note 1)
Tiwtrd
2*DCLKP + 10
-
ns
CS or WR high to CS and WR low for next write
(Note 1)
Tiwd
2*DCLKP + 10
-
ns


Similar Part No. - CS493302-IL

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS493302-IL CIRRUS-CS493302-IL Datasheet
1Mb / 90P
   Multi-Standard Audio Decoder Family
More results

Similar Description - CS493302-IL

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS49400 CIRRUS-CS49400 Datasheet
1Mb / 100P
   Multi-Standard Audio Decoder Family
CS49300 CIRRUS-CS49300_06 Datasheet
1Mb / 90P
   Multi-Standard Audio Decoder Family
CS4953XX CIRRUS-CS4953XX_08 Datasheet
605Kb / 34P
   32-bit Audio Decoder DSP Family
CS485XX CIRRUS-CS485XX Datasheet
524Kb / 26P
   32-bit Audio Decoder DSP Family
CS4953XX CIRRUS-CS4953XX_09 Datasheet
539Kb / 36P
   32-bit Audio Decoder DSP Family
logo
NXP Semiconductors
TDA4657 PHILIPS-TDA4657 Datasheet
121Kb / 17P
   Generic multi-standard decoder
June 1993
TDA4655 PHILIPS-TDA4655 Datasheet
121Kb / 17P
   Generic multi-standard decoder
June 1993
logo
New Japan Radio
NJU26501 NJRC-NJU26501 Datasheet
271Kb / 27P
   Multi-Function Digital Audio Decoder
logo
Cirrus Logic
CS4970X4 CIRRUS-CS4970X4 Datasheet
728Kb / 36P
   32-bit High Definition Audio Decoder DSP Family
logo
Silicon image
MSVD-HD SILICONIMAGE-MSVD-HD Datasheet
178Kb / 2P
   Multi-Standard High-Definition Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com