Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5102A-AL Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5102A-AL
Description  16-Bit, 100kHz/ 20kHz A/D Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5102A-AL Datasheet(HTML) 5 Page - Cirrus Logic

  CS5102A-AL Datasheet HTML 1Page - Cirrus Logic CS5102A-AL Datasheet HTML 2Page - Cirrus Logic CS5102A-AL Datasheet HTML 3Page - Cirrus Logic CS5102A-AL Datasheet HTML 4Page - Cirrus Logic CS5102A-AL Datasheet HTML 5Page - Cirrus Logic CS5102A-AL Datasheet HTML 6Page - Cirrus Logic CS5102A-AL Datasheet HTML 7Page - Cirrus Logic CS5102A-AL Datasheet HTML 8Page - Cirrus Logic CS5102A-AL Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
ANALOG CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V; VA-, VD- = -5V;
VREF = 4.5V; Full-Scale Input Sinewave, 200 Hz; CLKIN = 1.6 MHz; fs = 20 kHz; Bipolar Mode; FRN Mode;
AIN1 and AIN2 tied together, each channel tested separately; Analog Source Impedance = 50
Ω with 1000pF to
AGND unless otherwise specified)
CS5102A-J,K
CS5102A-A,B
Parameter*
Min
Typ
Max
Min
Typ
Max
Units
Specified Temperature Range
0 to +70
-40 to +85
°C
Accuracy
Linearity Error
-J,A,S
(Note 1)
-K,B,T
Drift
(Note 2)
-
-
-
0.002
0.001
± 1/4
0.003
0.0015
-
-
-
-
0.002
0.001
± 1/4
0.003
0.0015
-
%FS
%FS
∆LSB
Differential Linearity
(Notes 3, 18)
16
-
-
16
-
-
Bits
Full Scale Error
-J,A,S
(Note 1)
-K,B,T
Drift
(Note 2)
-
-
-
± 2
± 2
± 1
± 4
± 3
-
-
-
-
± 2
± 2
± 1
± 4
± 3
-
LSB
LSB
∆LSB
Unipolar Offset
-J,A,S
(Note 1)
-K,B,T
Drift
(Note 2)
-
-
-
± 1
± 1
± 1
± 4
± 3
-
-
-
-
± 1
± 1
± 1
± 4
± 3
-
LSB
LSB
∆LSB
Bipolar Offset
-J,A,S
(Note 1)
-K,B,T
Drift
(Note 2)
-
-
-
± 1
± 1
± 1
± 4
± 3
-
-
-
-
± 1
± 1
± 2
± 4
± 3
-
LSB
LSB
∆LSB
Bipolar Negative
-J,A,S
(Note 1)
Full-Scale Error
-K,B,T
Drift
(Note 2)
-
-
-
± 2
± 2
± 1
± 4
± 3
-
-
-
-
± 2
± 2
± 2
± 4
± 3
-
LSB
LSB
∆LSB
Dynamic Performance
(Bipolar Mode)
Peak Harmonic or
-J,A,S
(Note 1)
Spurious Noise
-K,B,T
96
98
100
102
-
-
96
98
100
102
-
-
dB
dB
Total Harmonic Distortion -J,A,S
-K,B,T
-
-
0.002
0.001
-
-
-
-
0.002
0.001
-
-
%
%
Signal-to-Noise Ratio
(Note 1)
0dB Input
-J,A,S
-K,B,T
-60 dB Input
-J,A,S
-K,B,T
87
90
-
-
90
92
30
32
-
-
-
-
87
90
-
-
90
92
30
32
-
-
-
-
dB
dB
dB
dB
Noise
(Note 5)
Unipolar Mode
Bipolar Mode
-
-
35
70
-
-
-
-
35
70
-
-
µVrms
µVrms
Note:
18. Clock speeds of less than 1.6 MHz, at temperatures >100
°C will degrade DNL performance.
*Refer to
Parameter Definitions (immediately following the pin descriptions at the end of this data sheet).
Specifications are subject to change without notice.
CS5102A
DS45F2
5


Similar Part No. - CS5102A-AL

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5102A-BL CIRRUS-CS5102A-BL Datasheet
574Kb / 39P
   16-bit, 100 kSps / 20 kSps A/D Converters
CS5102A-BLZ CIRRUS-CS5102A-BLZ Datasheet
574Kb / 39P
   16-bit, 100 kSps / 20 kSps A/D Converters
CS5102A-JL CIRRUS-CS5102A-JL Datasheet
574Kb / 39P
   16-bit, 100 kSps / 20 kSps A/D Converters
CS5102A-JLZ CIRRUS-CS5102A-JLZ Datasheet
574Kb / 39P
   16-bit, 100 kSps / 20 kSps A/D Converters
More results

Similar Description - CS5102A-AL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MN6500 ETC1-MN6500 Datasheet
1Mb / 8P
   100kHz 16-Bit, A/D CONVERTER
logo
API Technologies Corp
MN6500 APITECH-MN6500 Datasheet
1Mb / 8P
   16-bit, 100kHz Sampling A/D Converter
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
ADS-933 MURATA-PS-ADS-933 Datasheet
134Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
   16-Bit, 5MHz Sampling A/D Converters
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
   16-Bit, 10MHz Sampling A/D Converters
logo
Analog Devices
ADDAC71 AD-ADDAC71_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
ADDAC72 AD-ADDAC72_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
logo
List of Unclassifed Man...
ADS-930 ETC1-ADS-930 Datasheet
603Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com