Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UFZ24NG-TA3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UFZ24NG-TA3-T
Description  28A, 60V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UFZ24NG-TA3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  UFZ24NG-TA3-T Datasheet HTML 1Page - Unisonic Technologies UFZ24NG-TA3-T Datasheet HTML 2Page - Unisonic Technologies UFZ24NG-TA3-T Datasheet HTML 3Page - Unisonic Technologies UFZ24NG-TA3-T Datasheet HTML 4Page - Unisonic Technologies UFZ24NG-TA3-T Datasheet HTML 5Page - Unisonic Technologies UFZ24NG-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UFZ24N
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-901.B
28A, 60V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UFZ24N is an N-channel Power MOSFET, it uses
UTC’s advanced technology to provide the customers with a
minimum on state resistance, high switching speed and low gate
charge.
The UTC UFZ24N is suitable for all commercial-industrial
applications, etc.
FEATURES
* RDS(ON)<0.07
Ω @VGS=10V, ID=10A
* High switching speed
* Low gate charge
SYMBOL
G (1)
D (2)
S (3)
TO-220
1
TO-252
TO-251
1
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UFZ24NL-TA3-T
UFZ24NG-TA3-T
TO-220
G
D
S
Tube
UFZ24NL-TM3-T
UFZ24NG-TM3-T
TO-251
G
D
S
Tube
UFZ24NL-TN3-T
UFZ24NG-TN3-T
TO-252
G
D
S
Tube
UFZ24NL-TN3-R
UFZ24NG-TN3-R
TO-252
G
D
S
Tape Reel
Note:
Pin Assignment: G: Gate
D: Drain
S: Source
UFZ24NL-TA3-T
(1)Packing Type
(2)Package Type
(3)Lead Free
(1) T: Tube, R: Tape Reel
(2) TA3: TO-220, TM3: TO-251, TN3: TO-252
(3) L: Lead Free, G: Halogen Free


Similar Part No. - UFZ24NG-TA3-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UFZ01A4A1 ETC1-UFZ01A4A1 Datasheet
77Kb / 1P
   FR08C
UFZ01A6A1 ETC1-UFZ01A6A1 Datasheet
77Kb / 1P
   FR08C
UFZ01B4A1 ETC1-UFZ01B4A1 Datasheet
77Kb / 1P
   FR08C
UFZ01B6A1 ETC1-UFZ01B6A1 Datasheet
77Kb / 1P
   FR08C
logo
Unisonic Technologies
UFZ34 UTC-UFZ34 Datasheet
199Kb / 6P
   28A, 60V N-CHANNEL POWER MOSFET
More results

Similar Description - UFZ24NG-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UFZ34 UTC-UFZ34 Datasheet
199Kb / 6P
   28A, 60V N-CHANNEL POWER MOSFET
logo
Tak Cheong Electronics ...
TFF50N06 TAK_CHEONG-TFF50N06 Datasheet
309Kb / 8P
   N-Channel Power MOSFET 28A, 60V, 0.023廓
logo
Taiwan Semiconductor Co...
TSM280NB06LCR TSC-TSM280NB06LCR Datasheet
312Kb / 6P
   N-Channel Power MOSFET 60V, 28A, 28m廓
logo
STMicroelectronics
STD30NF06 STMICROELECTRONICS-STD30NF06 Datasheet
457Kb / 10P
   N-CHANNEL 60V - 0.020 ohm - 28A IPAK/DPAK STripFET??II POWER MOSFET
logo
Intersil Corporation
IRF140 INTERSIL-IRF140 Datasheet
55Kb / 7P
   28A, 100V, 0.077 Ohm, N-Channel Power MOSFET
logo
Unisonic Technologies
UT40N03T UTC-UT40N03T Datasheet
230Kb / 4P
   30V, 28A N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
KIA Semiconductor Techn...
28N50H KIA-28N50H Datasheet
347Kb / 5P
   28A竊?00V N-CHANNEL MOSFET
logo
Taiwan Semiconductor Co...
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
   60V N-Channel Power MOSFET
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
   60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
   60V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com