Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM9560 Datasheet(PDF) 6 Page - Altera Corporation

Part # EPM9560
Description  Programmable Logic Device Family
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM9560 Datasheet(HTML) 6 Page - Altera Corporation

Back Button EPM9560 Datasheet HTML 2Page - Altera Corporation EPM9560 Datasheet HTML 3Page - Altera Corporation EPM9560 Datasheet HTML 4Page - Altera Corporation EPM9560 Datasheet HTML 5Page - Altera Corporation EPM9560 Datasheet HTML 6Page - Altera Corporation EPM9560 Datasheet HTML 7Page - Altera Corporation EPM9560 Datasheet HTML 8Page - Altera Corporation EPM9560 Datasheet HTML 9Page - Altera Corporation EPM9560 Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
6
Altera Corporation
MAX 9000 Programmable Logic Device Family Data Sheet
Figure 1. MAX 9000 Device Block Diagram
Logic Array Blocks
The MAX 9000 architecture is based on linking high-performance, flexible
logic array modules called logic array blocks (LABs). LABs consist of
16-macrocell arrays that are fed by the LAB local array, as shown in
Figure 2 on page 7. Multiple LABs are linked together via the FastTrack
Interconnect, a series of fast, continuous channels that run the entire
length and width of the device. The I/O pins are supported by I/O cells
(IOCs) located at the end of each row (horizontal) and column (vertical)
path of the FastTrack Interconnect.
Each LAB is fed by 33 inputs from the row interconnect and 16 feedback
signals from the macrocells within the LAB. All of these signals are
available within the LAB in their true and inverted form. In addition,
16 shared expander product terms (“expanders”) are available in their
inverted form, for a total of 114 signals that feed each product term in the
LAB. Each LAB is also fed by two low-skew global clocks and one global
clear that can be used for register control signals in all 16 macrocells.
IOC
IOC
IOC
IOC
IOC
IOC
IOC
IOC
IOC
IOC
IOC
IOC
IOC
IOC
I/O Cell
(IOC)
Logic Array
Block (LAB)
Macrocell
FastTrack
Interconnect
IOC
IOC
LAB Local Array


Similar Part No. - EPM9560

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM9560 ALTERA-EPM9560 Datasheet
564Kb / 46P
   Programmable Logic Device Family
EPM9560 ALTERA-EPM9560 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EPM9560 ALTERA-EPM9560 Datasheet
564Kb / 46P
   Programmable Logic Device Family
EPM9560 ALTERA-EPM9560 Datasheet
569Kb / 46P
   Programmable Logic Device Family
EPM9560 ALTERA-EPM9560 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
More results

Similar Description - EPM9560

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com