Electronic Components Datasheet Search |
|
ERJ-6ENF10R0V Datasheet(PDF) 3 Page - Panasonic Semiconductor |
|
ERJ-6ENF10R0V Datasheet(HTML) 3 Page - Panasonic Semiconductor |
3 / 3 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Precision Thick Film Chip Resistors –40 –20 0 20 40 60 80 100 120 140 160 0 180 –60 70 °C –55 °C Ambient Temperature (°C) 20 40 60 80 100 125 °C 155 °C Type (inch size) Power Rating at 70 °C (W) Limiting Element Voltage (1) (V) Maximum Overload Voltage (2) (V) Resistance Tolerance (%) Resistance Range ( Ω) T.C.R. ( ×10–6/°C) Category Temperature Range (°C) ERJ1RH (0201) 0.05 15 30 ±0.5 1 k to 1 M (E24, E96) ±50 –55 to +125 ERJ2RH (0402) 0.063 50 100 ±0.5 100 to 100 k (E24, E96) ±50 –55 to +125 ERJ2RK (0402) 0.063 50 100 ±0.5 10 to 97.6 102 k to 1 M (E24, E96) ±100 –55 to +125 ERJ3RB (0603) 0.1 50 100 ±0.5 100 to 100 k (E24, E96) ±50 –55 to +125 ERJ3RE (0603) 0.1 50 100 ±0.5 10 to 97.6 102 k to 1 M (E24, E96) ±100 –55 to +125 ERJ6RB (0805) 0.1 150 200 ±0.5 100 to 100 k (E24, E96) ±50 –55 to +125 ERJ6RE (0805) 0.1 150 200 ±0.5 10 to 97.6 102 k to 1 M (E24, E96) ±100 –55 to +125 (1) Rated Continuous Working Voltage (RCWV) shall be determined from RCWV=√Power Rating × Resistance Values, or Limiting Element Voltage listed above, whichever less. (2) Overload (Short-time Overload) Test Voltage (SOTV) shall be determined from SOTV=2.5 (Only ERJ2RK ±1% =2.0) × Power Rating or max. Overload Voltage listed above whichever less. (3) Please contact us when you need a type with a resistance of less than 10 Ω. ■ Ratings <±0.5 %> Type (inch size) Power Rating at 70 °C (W) Limiting Element Voltage (1) (V) Maximum Overload Voltage (2) (V) Resistance Tolerance (%) Resistance Range ( Ω) T.C.R. ( ×10–6/°C) Category Temperature Range (°C) ERJXGN (01005) 0.031 15 30 ±1 10 to 1 M (E24, E96) <100 Ω : ±300 100 Ω < : ±200 –55 to +125 ERJ1GN (0201) 0.05 25 50 ±1 10 to 1 M (3) (E24, E96) ±200 –55 to +125 ERJ2RK (0402) 0.1 50 100 ±1 10 to 1 M (3) (E24, E96) ±100 –55 to +155 ERJ3EK (0603) 0.1 75 150 ±1 10 to 1 M (E24, E96) ±100 –55 to +155 ERJ6EN (0805) 0.125 150 200 ±1 10 to 2.2 M (E24, E96) ±100 –55 to +155 ERJ8EN (1206) 0.25 200 400 ±1 10 to 2.2 M (E24, E96) ±100 –55 to +155 ERJ14N (1210) 0.5 200 400 ±1 10 to 1 M (E24, E96) ±100 –55 to +155 ERJ12N (1812) 0.75 200 500 ±1 10 to 1 M (E24, E96) ±100 –55 to +155 ERJ12S (2010) 0.75 200 500 ±1 10 to 1 M (E24, E96) ±100 –55 to +155 ERJ1TN (2512) 1200 500 ±1 10 to 1 M (E24, E96) ±100 –55 to +155 <±1 %> Power Derating Curve For resistors operated in ambient temperatures above 70 °C, power rating shall be derated in accordance with the figure on the right. Feb. 2014 04 7 |
Similar Part No. - ERJ-6ENF10R0V |
|
Similar Description - ERJ-6ENF10R0V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |