Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESE13 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ESE13
Description  1VL Detector Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ESE13 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ESE13 Datasheet HTML 1Page - Panasonic Semiconductor ESE13 Datasheet HTML 2Page - Panasonic Semiconductor ESE13 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Detector Switches/ESE13
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES32 –
Full travel
Separate
terminal
Common
terminal
Separate
terminal
Common
terminal
Pivot center
ON start
position
ON angular
dimension
0.77
±0.3
(2.14
±0.35)
0.5
2
±0.05
0.5
0.55
3.0
1.0
(0.58)
0.2
max.
0.6
0.7
0.7
2.0
30.55
2-
φ0
.8
+0
.1
-0
4.2
2.3
A
B
C
D
D
C
B
A
-0.1
0
φ0.6
0.5
φ380.0±2.0
16.4
Packed portion
Non-packed portion
(100 mm min.)
Non-packed portion
(160 mm min.)
Cover tape
Carrier tape
END
TOP
Drawing direction
Pilot holes
Leading portion 400 mm min
P=8.0
±0.1
4.0
±0.1
2.0
±0.1
Common
terminal
C
Circuit Diagram
Packaging Specifications
Standard Reel Dimensions in mm (not to scale)
No. 4
With boss
ESE13H01D
Without boss
ESE13H01C
Dimensions in mm (not to scale)
Taping Reel
Embossed Carrier Taping
ESE13H Straight terminals
1-pole 1-throw
1-pole 1-throw (N.O)
PWB mounting hole for reference
(Pitch tolerance: ±0.05)
Oct. 2012
00


Similar Part No. - ESE13

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ESE13 PANASONIC-ESE13 Datasheet
100Kb / 3P
   1VL Detector Switches
More results

Similar Description - ESE13

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ESE13 PANASONIC-ESE13 Datasheet
100Kb / 3P
   1VL Detector Switches
logo
E-SWITCH
TD1105A E-SWITCH-TD1105A Datasheet
274Kb / 2P
   DETECTOR SWITCHES
logo
Panasonic Semiconductor
ESE-2161AT PANASONIC-ESE-2161AT Datasheet
158Kb / 2P
   2NV Detector Switches
ESE-18L61B PANASONIC-ESE-18L61B Datasheet
166Kb / 5P
   1HL Detector Switches
ESE-31R11T PANASONIC-ESE-31R11T Datasheet
81Kb / 2P
   Detector Switches/ESE31
ESE24MH1T PANASONIC-ESE24MH1T Datasheet
130Kb / 3P
   2W Detector Switches
ESE11 PANASONIC-ESE11 Datasheet
193Kb / 5P
   ESE11 Detector Switches
201712-Fd
ESE-18RJ02 PANASONIC-ESE-18RJ02 Datasheet
724Kb / 5P
   1HL Detector Switches
ESE-11MV1 PANASONIC-ESE-11MV1 Datasheet
188Kb / 6P
   Detector Switches/ESE11
ESE18R61B PANASONIC-ESE18R61B Datasheet
166Kb / 5P
   1HL Detector Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com