Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVQP2P02W Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EVQP2P02W
Description  Light Touch Switches/EVQP2/P9/3P2
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQP2P02W Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EVQP2P02W Datasheet HTML 1Page - Panasonic Semiconductor EVQP2P02W Datasheet HTML 2Page - Panasonic Semiconductor EVQP2P02W Datasheet HTML 3Page - Panasonic Semiconductor EVQP2P02W Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Light Touch Switches/EVQP2/P9/3P2
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES92 –
180
260
MAX.
150
230
90
±30
40
±10
(Normal Temp.)
Soldering Time (s)
Fan or Normal Temp.
P2 P0
P1
t2
t1
φD0
A
Feeding hole
Chip component
Tape running direction
Chip pocket
Tape width=12.0 mm
T
W
A
E
C
D
r
t
0.3 mm max.
Switch
Mounting surface
Test pole
Leaning angle range
90 ˚
±4˚
(vertical direction)
φ3.3 to φ3.7
R0.1 mm
±0.05 mm
R0.1 mm
±0.05 mm
Middle Push
Travel Type
Short Push
Travel Type
φ3
Recommended Reflow Soldering Conditions
Embossed Carrier Taping
Standard Reel Dimensions in mm (not to scale)
Unit: mm
Part No.
Height
AB
W
F
E
P1
P2
P0
D0 Dia.
t1
t2
EVQP2
EVQP9
EVQ3P2
2.1
2.5
6.0±0.24.7±0.2
12.0±0.3
5.5±0.1 1.75±0.10 8.0±0.1
2.0±0.1
4.0±0.1
1.5
+0.1
0.3±0.1
2.7±0.2
–0
Item
A
B
C
D
E
Rate (mm)
φ370.0±2.0 φ50.0 min. φ13.0±0.5 φ21.0±1.0
2.0±0.5
Item
W
T
t
r
Rate (mm)
14.0±1.5
1.0 to 3.0
1.0±0.5
Recommended Shape of Test Pole
Recommended Operating Conditions
Oct. 2012
00


Similar Part No. - EVQP2P02W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQP2P02W PANASONIC-EVQP2P02W Datasheet
102Kb / 4P
   4.7 mm3.5 mm SMD Light Touch Switch es
EVQP2P02W PANASONIC-EVQP2P02W Datasheet
102Kb / 4P
   4.7 mm3.5 mm SMD Light Touch Switch es
More results

Similar Description - EVQP2P02W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQQ0C PANASONIC-EVQQ0C Datasheet
111Kb / 3P
   Light Touch Switches
EVQPVA05K PANASONIC-EVQPVA05K_16 Datasheet
103Kb / 2P
   Light Touch Switches
EVQ9P701K PANASONIC-EVQ9P701K Datasheet
143Kb / 4P
   Light Touch Switches
EVQPS0202K PANASONIC-EVQPS0202K Datasheet
112Kb / 4P
   Light Touch Switches
EVQPLA PANASONIC-EVQPLA Datasheet
89Kb / 3P
   Light Touch Switches
EVQP4HB3B PANASONIC-EVQP4HB3B_16 Datasheet
129Kb / 3P
   Light Touch Switches
EVPAX PANASONIC-EVPAX Datasheet
93Kb / 2P
   Light Touch Switches
EVQPAC04M PANASONIC-EVQPAC04M_12 Datasheet
86Kb / 3P
   5N Type Light Touch Switches Light Touch Switches/EVQPA/PB
EVQ-PPHA25 PANASONIC-EVQ-PPHA25 Datasheet
97Kb / 4P
   Light Touch Switches/EVQPP
EVQ-P8203M PANASONIC-EVQ-P8203M Datasheet
98Kb / 3P
   Light Touch Switches/EVQP4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com