Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN6862WTY Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN6862WTY
Description  Highly Integrated Green-Mode PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6862WTY Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN6862WTY Datasheet HTML 2Page - Fairchild Semiconductor FAN6862WTY Datasheet HTML 3Page - Fairchild Semiconductor FAN6862WTY Datasheet HTML 4Page - Fairchild Semiconductor FAN6862WTY Datasheet HTML 5Page - Fairchild Semiconductor FAN6862WTY Datasheet HTML 6Page - Fairchild Semiconductor FAN6862WTY Datasheet HTML 7Page - Fairchild Semiconductor FAN6862WTY Datasheet HTML 8Page - Fairchild Semiconductor FAN6862WTY Datasheet HTML 9Page - Fairchild Semiconductor FAN6862WTY Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6862W • Rev. 1.0.0
6
Electrical Characteristics (Continued)
VDD = 15 V and TA = 25°C, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Oscillator Section
fOSC
Normal PWM Frequency
Center Frequency VFB > VFB-N
60
65
68
kHz
Hopping Range
VFB
≥ VFB-N
±
4.0
VFB = VFB-G
(1)
±
2.9
thop-1
Hopping Period 1
(1)
VFB
≥ VFB-N
4.4
ms
thop-3
Hopping Period 3
(1)
VFB = VFB-G
11.5
ms
fOSC-G
Green Mode Minimum Frequency
18
22
26
kHz
VFB-N
FB Threshold Voltage for Frequency
Reduction
2.35
2.50
2.65
V
VFB-G
FB Voltage at fOSC-G
2.05
2.20
2.30
V
VFB-ZDC
FB Threshold Voltage for Zero-Duty
1.6
V
VFB-ZDCR -
VFB-ZDC
ZDC Hysteresis
0.15
V
fDV
Frequency Variation vs. VDD Deviation
VDD = 7.5 V to 21 V
0.5
2.0
%
fDT
Frequency Variation vs. Temperature
Deviation
(1)
TA = -40 to +105°C
2
%
Continued on following page…
Figure 5. PWM Frequency
PWM Frequency
fOSC
fOSC-G
VFB-N
VFB-G
VFB-ZDC
VFB
VFB-ZDCR


Similar Part No. - FAN6862WTY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6862 FAIRCHILD-FAN6862 Datasheet
529Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6862 FAIRCHILD-FAN6862 Datasheet
829Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862L FAIRCHILD-FAN6862L Datasheet
554Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862LTY FAIRCHILD-FAN6862LTY Datasheet
554Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862NY FAIRCHILD-FAN6862NY Datasheet
829Kb / 16P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - FAN6862WTY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com