Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCN-361J024-AU Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FCN-361J024-AU
Description  RECTANGULAR CONNECTORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FCN-361J024-AU Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FCN-361J024-AU Datasheet HTML 1Page - Fujitsu Component Limited. FCN-361J024-AU Datasheet HTML 2Page - Fujitsu Component Limited. FCN-361J024-AU Datasheet HTML 3Page - Fujitsu Component Limited. FCN-361J024-AU Datasheet HTML 4Page - Fujitsu Component Limited. FCN-361J024-AU Datasheet HTML 5Page - Fujitsu Component Limited. FCN-361J024-AU Datasheet HTML 6Page - Fujitsu Component Limited. FCN-361J024-AU Datasheet HTML 7Page - Fujitsu Component Limited. FCN-361J024-AU Datasheet HTML 8Page - Fujitsu Component Limited. FCN-361J024-AU Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Selection Table
4-3
4
Model
Appearance
Contact pitch
Number of contacts
Solder eyelet
(tail shape)
Wire-wrapping
(post cross section)
Crimping ( applicable
AWG No.)
Straight, through hole (PC
board hole dimensions)
Right-angle, through hole
(PC board hole dimensions)
IDC ( applicable
AWG No.)
Plating
Gold
Silver
Tin
Operating temperature
range
Current rating
Voltage rating
Contact resistance
Insulation resistance
(DC 500 V)
Dielectric withstanding
voltage (for 1 minute)
Insulating material
Part number (example)
Remarks
Rectanglar Connectors
15 m
Ω max.
1,000 M
Ω min.
Polyester
PC (363J)
2.54
× 2.54
–55
°C to +85°C
DC 3 A (IDC type: 1A)
AC 250 V
(DC 6 V, 0.3 A)
AC 500 V
FCN-361P024-AU
8, 16, 24, 32, 40, 48,
56, 64
P
J
φ1, 2.54 × 2.54
360 series
P
J
P
J
#28, Flat cable
Cable cover provided
P
J
1.8
× 0.7
1.8
× 0.7
Diagonal 0.71 mm
(0.028 in.)
P
J
AWG #22 to #28
φ1, 2.54 × 2.54
φ1, 2.54 × 2.54
φ1, 2.54 × 2.54


Similar Part No. - FCN-361J024-AU

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FCN-361J024-AU FUJI-FCN-361J024-AU Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
Fujitsu Component Limit...
FCN-361J024-AU FUJITSU-FCN-361J024-AU Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
List of Unclassifed Man...
FCN-361J024-AU ETC2-FCN-361J024-AU Datasheet
523Kb / 26P
   RECTANGULAR CONNECTORS
More results

Similar Description - FCN-361J024-AU

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FCN-360A1 FUJITSU-FCN-360A1 Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-D82 MITSUMI-IAM-D82 Datasheet
97Kb / 4P
   Rectangular Connectors
logo
Fujitsu Component Limit...
FCN-360C024-B FUJITSU-FCN-360C024-B Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-F30 MITSUMI-IAM-F30 Datasheet
377Kb / 5P
   Rectangular Connectors
logo
List of Unclassifed Man...
FCN-363T-T011 ETC2-FCN-363T-T011 Datasheet
523Kb / 26P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-C26 MITSUMI-IAM-C26 Datasheet
239Kb / 4P
   Rectangular Connectors
logo
Fuji Electric
FCN-364P040-AU FUJI-FCN-364P040-AU Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
List of Unclassifed Man...
105650 ETC2-105650 Datasheet
813Kb / 7P
   EPIC Rectangular Connectors
logo
TE Connectivity Ltd
1-172165-2 TEC-1-172165-2 Datasheet
516Kb / 6P
   Rectangular Power Connectors
logo
Lite-On Technology Corp...
FCN-363J-AUS LITEON-FCN-363J-AUS Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS FCN360 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com