Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UVY1J101MPD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UVY1J101MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UVY1J101MPD Datasheet(HTML) 1 Page - Nichicon corporation

  UVY1J101MPD Datasheet HTML 1Page - Nichicon corporation UVY1J101MPD Datasheet HTML 2Page - Nichicon corporation UVY1J101MPD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
φD
P
φd
5
2.0
0.5
6.3
2.5
0.5
8
3.5
0.6
10
5.0
0.6
12.5
5.0
0.6
16
7.5
0.8
18
7.5
0.8
20
22
10.0
10.0
1.0
1.0
U
1
V
2
Y
3
1
4
A
5
3
6
3
7
1
8
M
9
E
10
D
11
Configuration
Capacitance tolerance (
±20%)
Rated capacitance (330
µF)
Rated voltage (10V)
Series name
Type
25
12.5
1.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
1.0
1.0
(L < 20) 1.5
(L
20) 2.0
φ D
5
Pb-free leadwire
Pb-free PET sleeve
DD
6.3
ED
8 · 10
PD
HD
Configuration
RD
12.5 to 18
20 to 25
Pressure
relief vent
15MIN
4MIN
φd
(
φ6.3up)
L+ MAX
Sleeve (P.E.T.)
(mm)
VY
VZ
VK
ALUMINUM ELECTROLYTIC CAPACITORS
VY
series
Wide Temperature Range
One rank smaller case sizes than VZ series.
Compliant to the RoHS directive (2011/65/EU).
Radial Lead Type
Specifications
Type numbering system (Example : 10V 330µF)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan
δ)
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 55 to +105˚C (6.3 to 100V), – 40 to +105˚C (160 to 400V), – 25 to +105˚C (450V)
6.3 to 450V
0.1 to 68000µF
± 20% at 120Hz, 20˚C
Printed with white color letter on black sleeve.
After storing the capacitors under no load at 105˚C for 1000 hours and then performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Rated voltage (V)
6.3 to 100
160 to 450
After 1 minute's application of rated voltage, leakage current
is not more than 0.03CV or 4 (µA), whichever is greater.
After 2 minutes' application of rated voltage, leakage current
is not more than 0.01CV or 3 (µA), whichever is greater.
After 1 minute's application of rated voltage,
CV <
= 1000 : I =0.1CV+40 (µA) or less
After 1 minute's application of rated voltage,
CV > 1000 :
I =0.04CV+100 (µA) or less
Measurement frequency : 120Hz
The specifications listed at right shall be met when
the capacitors are restored to 20°C after the rated
voltage is applied for 1000 hours at 105°C.
Rated voltage (V)
tan
δ (MAX.)
6.3
0.28
10
0.24
16
0.20
25
0.16
35
0.14
50
0.12
63
0.10
100
0.08
160 to 250
0.20
350 to 450
0.25
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Measurement frequency : 120Hz at 20˚C
Leakage current
tan
δ
Capacitance change
Less than or equal to the initial specified value
200% or less than the initial specified value
Within ±20% of the initial capacitance value
Please refer to page 20, 21, 22 about the formed or taped product spec.
Please refer to page 4 for the minimum order quantity.
• Please refer to page 20 about the end seal configuration.
Smaller
High
Te m p e rature
Dimension table in next page.
Z– 25˚C / Z
+20˚C
Z– 40˚C / Z
+20˚C
Rated voltage
(V)
Impedance ratio
ZT / Z20 (MAX.)
450
15
6.3
5
10
10
4
8
16
3
6
25
2
4
35 to 50
2
3
63 to 100
2
3
250 to 350
4
8
400
6
10
160 to 200
3
4
CAT.8100C


Similar Part No. - UVY1J101MPD

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
UVY1J101MPD VICOR-UVY1J101MPD Datasheet
1Mb / 6P
   VI BRICK짰 AC Front End Evaluation Board
More results

Similar Description - UVY1J101MPD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com