Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25C160B Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # FM25C160B
Description  16-Kbit (2 K 횞 8) Serial (SPI) Automotive F-RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25C160B Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button FM25C160B Datasheet HTML 7Page - Cypress Semiconductor FM25C160B Datasheet HTML 8Page - Cypress Semiconductor FM25C160B Datasheet HTML 9Page - Cypress Semiconductor FM25C160B Datasheet HTML 10Page - Cypress Semiconductor FM25C160B Datasheet HTML 11Page - Cypress Semiconductor FM25C160B Datasheet HTML 12Page - Cypress Semiconductor FM25C160B Datasheet HTML 13Page - Cypress Semiconductor FM25C160B Datasheet HTML 14Page - Cypress Semiconductor FM25C160B Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
FM25C160B
Document Number: 001-86150 Rev. *A
Page 11 of 20
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. These user guidelines are not tested.
Storage temperature ................................ –55
C to +125 C
Maximum junction temperature ................................. 135
C
Supply voltage on VDD relative to VSS .........–1.0 V to +7.0 V
Input voltage ............. –1.0 V to +7.0 V and VIN < VDD+1.0 V
DC voltage applied to outputs
in High Z state .................................... –0.5 V to VDD + 0.5 V
Transient voltage (< 20 ns) on
any pin to ground potential ................. –2.0 V to VDD + 2.0 V
Package power dissipation
capability (TA = 25 °C) ................................................. 1.0 W
Surface mount lead soldering
temperature (3 seconds) ......................................... +260
C
DC output current (1 output at a time, 1s duration) .... 15 mA
Electrostatic Discharge Voltage
Human Body Model (AEC-Q100-002 Rev. E) ................... 4 kV
Charged Device Model (AEC-Q100-011 Rev. B) ........... 1.25 kV
Machine Model (AEC-Q100-003 Rev. E) .......................... 300 V
Latch up current ..................................................... > 140 mA
Operating Range
Range
Ambient Temperature (TA)
VDD
Automotive-E
–40
C to +125 C
4.5 V to 5.5 V
DC Electrical Characteristics
Over the Operating Range
Parameter
Description
Test Conditions
Min
Typ [5]
Max
Unit
VDD
Power supply
4.5
5.0
5.5
V
IDD
VDD supply current
SCK
toggling
between
VDD – 0.3 V and VSS, other
inputs VSS or VDD – 0.3 V.
SO = Open.
fSCK = 1 MHz
0.3
mA
fSCK = 15 MHz
––3
mA
ISB
VDD standby current
CS = VDD. All other inputs
VSS or VDD.
TA = 85 °C
10
A
TA = 125 °C
30
A
ILI
Input leakage current
VSS < VIN < VDD
––
±1
A
ILO
Output leakage current
VSS < VOUT < VDD
––
±1
A
VIH
Input HIGH voltage
0.75 × VDD
–VDD + 0.3
V
VIL
Input LOW voltage
– 0.3
0.25 × VDD
V
VOH
Output HIGH voltage
IOH = –2 mA
VDD – 0.8
V
VOL
Output LOW voltage
IOL = 2 mA
0.4
V
VHYS
[5]
Input Hysteresis (CS and SCK pin)
0.05 × VDD
––
V
Notes
3. Typical values are at 25 °C, VDD = VDD(typ). Not 100% tested.
4. This parameter is characterized but not 100% tested.


Similar Part No. - FM25C160B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25C160B RAMTRON-FM25C160B Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
FM25C160B CYPRESS-FM25C160B Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160B-G RAMTRON-FM25C160B-G Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B-G CYPRESS-FM25C160B-G Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
More results

Similar Description - FM25C160B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY15E016Q CYPRESS-CY15E016Q Datasheet
613Kb / 20P
   16-Kbit (2K 횞 8) Serial (SPI) Automotive F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15E004Q CYPRESS-CY15E004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15B128Q CYPRESS-CY15B128Q Datasheet
2Mb / 22P
   128-Kbit (16K 횞 8) Automotive Serial (SPI) F-RAM
CY15B064Q CYPRESS-CY15B064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
CY15B256Q CYPRESS-CY15B256Q Datasheet
778Kb / 22P
   256-Kbit (32K 횞 8) Automotive Serial (SPI) F-RAM
CY15B102Q CYPRESS-CY15B102Q Datasheet
1Mb / 22P
   2-Mbit (256 K 횞 8) Serial (SPI) Automotive F-RAM
CY15E064Q CYPRESS-CY15E064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
FM25V01A CYPRESS-FM25V01A Datasheet
777Kb / 22P
   128-Kbit (16K 횞 8) Serial (SPI) F-RAM
FM25V20A CYPRESS-FM25V20A Datasheet
1Mb / 22P
   2-Mbit (256 K 횞 8) Serial (SPI) F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com