Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVQQ2U01W Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EVQQ2U01W
Description  6 mm Square Thin Type SMD Light Touch Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQQ2U01W Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EVQQ2U01W Datasheet HTML 1Page - Panasonic Semiconductor EVQQ2U01W Datasheet HTML 2Page - Panasonic Semiconductor EVQQ2U01W Datasheet HTML 3Page - Panasonic Semiconductor EVQQ2U01W Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Light Touch Switches/EVQP0/Q2
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES78 –
Circuit Diagram
PWB land pattern for reference
B
A
B'
A'
B
A
B'
A'
φ3
6.5
(6.6)
φ3.8
(3.6)
(3.2)
(3.2)
Dimensions in mm (not to scale)
Part Numbers
Operating Force
H=Height
Push Plate Color Ground Terminal
Operating Life
EVQQ2B01W
0.5 N
2.0 mm
White
Without
2000000 cycles
EVQQ2B02W
0.5 N
2.5 mm
White
Without
2000000 cycles
EVQQ2B03W
0.5 N
3.1 mm
White
Without
2000000 cycles
EVQQ2D01W
0.5 N
2.0 mm
White
With
2000000 cycles
EVQQ2D02W
0.5 N
2.5 mm
White
With
2000000 cycles
EVQQ2D03W
0.5 N
3.1 mm
White
With
2000000 cycles
EVQQ2F01W
1.0 N
2.0 mm
White
Without
1000000 cycles
EVQQ2F02W
1.0 N
2.5 mm
White
Without
1000000 cycles
EVQQ2F03W
1.0 N
3.1 mm
White
Without
1000000 cycles
EVQQ2H01W
1.0 N
2.0 mm
White
With
1000000 cycles
EVQQ2H02W
1.0 N
2.5 mm
White
With
1000000 cycles
EVQQ2H03W
1.0 N
3.1 mm
White
With
1000000 cycles
EVQQ2K01W
1.3 N
2.0 mm
White
Without
1000000 cycles
EVQQ2K02W
1.3 N
2.5 mm
White
Without
1000000 cycles
EVQQ2K03W
1.3 N
3.1 mm
White
Without
1000000 cycles
EVQQ2M01W
1.3 N
2.0 mm
White
With
1000000 cycles
EVQQ2M02W
1.3 N
2.5 mm
White
With
1000000 cycles
EVQQ2M03W
1.3 N
3.1 mm
White
With
1000000 cycles
EVQQ2P01W
1.6 N
2.0 mm
White
Without
1000000 cycles
EVQQ2P02W
1.6 N
2.5 mm
White
Without
1000000 cycles
EVQQ2P03W
1.6 N
3.1 mm
White
Without
1000000 cycles
EVQQ2S01W
1.6 N
2.0 mm
White
With
1000000 cycles
EVQQ2S02W
1.6 N
2.5 mm
White
With
1000000 cycles
EVQQ2S03W
1.6 N
3.1 mm
White
With
1000000 cycles
EVQQ2U01W
2.6 N
2.0 mm
White
Without
200000 cycles
EVQQ2U02W
2.6 N
2.5 mm
White
Without
200000 cycles
EVQQ2U03W
2.6 N
3.1 mm
White
Without
200000 cycles
EVQQ2W01W
2.6 N
2.0 mm
White
With
200000 cycles
EVQQ2W02W
2.6 N
2.5 mm
White
With
200000 cycles
EVQQ2W03W
2.6 N
3.1 mm
White
With
200000 cycles
EVQQ2Y01W
3.5 N
2.0 mm
White
Without
100000 cycles
EVQQ2Y02W
3.5 N
2.5 mm
White
Without
100000 cycles
EVQQ2Y03W
3.5 N
3.1 mm
White
Without
100000 cycles
EVQQ2201W
3.5 N
2.0 mm
White
With
100000 cycles
EVQQ2202W
3.5 N
2.5 mm
White
With
100000 cycles
EVQQ2203W
3.5 N
3.1 mm
White
With
100000 cycles
No. 2
EVQQ2
Short push travel : 0.25 mm
With J-bent terminals
Height
H
2.0±0.2
2.5±0.2
3.1±0.2
Oct. 2012
00


Similar Part No. - EVQQ2U01W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQQ2U01W PANASONIC-EVQQ2U01W Datasheet
187Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQQ2U01W PANASONIC-EVQQ2U01W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches Overstroke travel
EVQQ2U01W PANASONIC-EVQQ2U01W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQQ2U01W PANASONIC-EVQQ2U01W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
More results

Similar Description - EVQQ2U01W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQ-Q2U03W PANASONIC-EVQ-Q2U03W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQ-Q2S02W PANASONIC-EVQ-Q2S02W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQP0 PANASONIC-EVQP0 Datasheet
187Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQP0N02B PANASONIC-EVQP0N02B Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches Overstroke travel
EVQ-PRDA09 PANASONIC-EVQ-PRDA09 Datasheet
112Kb / 3P
   6 mm Square Thin Type Double-action SMD Light Touch Switches
EVQ-P1905M PANASONIC-EVQ-P1905M Datasheet
77Kb / 3P
   6 mm Square Long Travel SMD Light Touch Switches
EVQ-P1F05M PANASONIC-EVQ-P1F05M Datasheet
76Kb / 3P
   6 mm Square Long Travel SMD Light Touch Switches
EVPASCB1A PANASONIC-EVPASCB1A Datasheet
345Kb / 9P
   6 mm Square Long Travel 2 terminals SMD Light Touch Switches
EVQPV PANASONIC-EVQPV Datasheet
106Kb / 2P
   6 mm Square Long Travel 2R Light Touch Switches
EVQ-PPBA25 PANASONIC-EVQ-PPBA25 Datasheet
97Kb / 4P
   6.0 mm3.5 mm Square Thin type Light Touch Switches for Refl ow Sol der ing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com