Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D5B-5023 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D5B-5023
Description  Detects Objects in Multiple Directions with High Sensitivity, Ideal for Robotics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D5B-5023 Datasheet(HTML) 2 Page - Omron Electronics LLC

  D5B-5023 Datasheet HTML 1Page - Omron Electronics LLC D5B-5023 Datasheet HTML 2Page - Omron Electronics LLC D5B-5023 Datasheet HTML 3Page - Omron Electronics LLC D5B-5023 Datasheet HTML 4Page - Omron Electronics LLC D5B-5023 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
D5B
Specifications
Structure and Nomenclature
Structure
Contact Form
Note: Specifications for normally open (N.O.) contacts are not available.
Dimensions and Operating Characteristics
(Unit: mm)
Dimensions
M5 Type (The square
@ in the models represents the cable length. Refer to Ordering Information.)
Note: 1. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
2. The threads of the case are not standard; 0.5-mm pitch. Therefore standard tapping to the case is not possible for mounting.
Ratings
Characteristics
Electrical ratings
1 mA at 5 VDC to 30 mA at 30 VDC (resistive load)
Degree of protection
IP67
Durability *1
Mechanical
10,000,000 operations min.
Electrical
5,000,000 operations min. (at 30 mA 30 VDC resistive load)
Operating speed
5 to 500 mm/s
Operating
frequency
Mechanical
120 operations/min.
Electrical
60 operations/min.
Insulation resistance
100 M
Ω min. at 250 VDC between each terminal and
non-current-carrying metal parts
Contact resistance
With 1 m cable:700 m
Ω max. (initial value)
With 3 m cable:1.9
Ω max. (initial value)
With 5 m cable:3.1
Ω max. (initial value)
Dielectric
strength
(50/60 Hz
1min)
Between terminals of
same polarity
250 VAC (at TTP)
Between each terminal
and non-current-carrying
metal parts
1,000 VAC (600 VAC for M5 model)
Vibration
resistance
Malfunction
10 to 55 Hz, 1.5-mm double amplitude *2
Shock
resistance
Mechanical
1,000 m/s2 max.
Malfunction
300 m/s2 max. *3
Ambient operating temperature
−10°C to +70°C (with no icing)
Ambient operating humidity
35% to 95%RH
Actuator strength
14.7 N *4
Weight
Switch
M5: Approx. 14 g, M8: Approx. 20 g, M10: Approx. 21 g
Cable
Approx. 10 g/m
Engineering Data
Electrical Durability (cos
φ=1)
(Operating temperature: +5
°C to +35°C,
Operating humidity: 40% to 70%RH.)
3,000
1,000
5,000
300
200
100
700
500
0
10
20
30
40
Switching current (mA)
30 VDC
Note: The above figures are initial values.
*1. Durability values are calculated at an operating
temperature of +5
°C to +35°C, and an operating
humidity of 40% to 70%RH.
Contact your OMRON sales representative for more
detailed information on other operating environments.
*2. 16.7 Hz, 1-mm double amplitude for wobble stick models.
*3. 50 m/s2 max. for wobble stick models.
*4. Excluding the wobble stick models.
Reset spring
Mounting nut
Axis
Cable
(V-HKCVV)
Resin
Base
Case (PBT)
Reset spring
Actuator
(POM)
Rubber boot
(NBR)
Plunger
(POM)
Brown
Blue
(Normally closed contact)
2.5
2.15
(Rising part of the ball)
Clamping nut
Toothed lock washer
S-FLEX V-HKCVV
equal level, 3 dia.
0.08 mm2 Two conductors
(see note 2)
M5
× 0.5
(Ball 2.15R)
4.3 dia.
Resin plunger
2.4
5.9
16.2
(24.5)
8
(9.2)
*
* Operating characteristics (X, Y) measuring position
D5B-501
@
2.5
1
Clamping nut
Toothed lock washer
0.5R
4.3 dia.
Resin plunger
5.9
4.9
16.2
(27)
8
(9.2)
*
* Operating characteristics (X, Y) measuring position
S-FLEX V-HKCVV
equal level, 3 dia.
0.08 mm2 Two conductors
(see note 2)
M5
× 0.5
D5B-502
@
2.5
5
Clamping nut
Toothed lock washer
4.3
dia.
6
41.9±2
16.2
(64.1)
8
(9.2)
*
2.3
dia.
0.4
dia.
6.9±2
2
Stainless steel wire
* Operating characteristics (X, Y) measuring position
S-FLEX V-HKCVV
equal level, 3 dia.
0.08 mm2 Two conductors
(see note 2)
M5
× 0.5
D5B-551
@


Similar Part No. - D5B-5023

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
D5BXXXXY1A ANAREN-D5BXXXXY1A Datasheet
239Kb / 2P
   Beryllium Oxide Ceramic
More results

Similar Description - D5B-5023

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SPY312 OMRON-EE-SPY312 Datasheet
365Kb / 5P
   Accurately detects objects placed in front of shiny Background.
logo
Hamamatsu Corporation
C5658_KACC1023E HAMAMATSU-C5658_KACC1023E_15 Datasheet
89Kb / 2P
   Detects optical signals at 1 GHz, with high sensitivity
logo
List of Unclassifed Man...
IQS232 ETC2-IQS232 Datasheet
1Mb / 34P
   Configurable 2 Channel sensor with Compensation for Sensitivity Reducing Objects
logo
Pixart Imaging Inc.
PAJ7025R2 PIXART-PAJ7025R2 Datasheet
819Kb / 12P
   Multiple Objects Tracking Sensor Module
logo
Omron Electronics LLC
E3S-RS30B42-30 OMRON-E3S-RS30B42-30 Datasheet
841Kb / 11P
   Ideal for Detecting Glass Wafers and Other Transparent Objects
E3SR31 OMRON-E3SR31 Datasheet
701Kb / 11P
   Ideal for Detecting Glass Wafers and Other Transparent Objects
logo
Honeywell Accelerometer...
1LS47 HONEYWELL-ACC-1LS47 Datasheet
89Kb / 1P
   SWITCH IS ASSMBLED FOR ACTUATION IN BOTH DIRECTIONS
logo
Marl International Limi...
507-501-2112 MARL-507-501-2112_15 Datasheet
434Kb / 5P
   Ideal for high vibration applications
logo
Infineon Technologies A...
IPD135N08N3G INFINEON-IPD135N08N3G_14 Datasheet
360Kb / 9P
   Ideal for high frequency switching
Rev. 2.2 2014-05-19
logo
Marl International Limi...
240-061-64 MARL-240-061-64_13 Datasheet
202Kb / 4P
   Ideal for high vibration applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com