Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D5B-1015 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D5B-1015
Description  Detects Objects in Multiple Directions with High Sensitivity, Ideal for Robotics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D5B-1015 Datasheet(HTML) 4 Page - Omron Electronics LLC

  D5B-1015 Datasheet HTML 1Page - Omron Electronics LLC D5B-1015 Datasheet HTML 2Page - Omron Electronics LLC D5B-1015 Datasheet HTML 3Page - Omron Electronics LLC D5B-1015 Datasheet HTML 4Page - Omron Electronics LLC D5B-1015 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
D5B
Operating Characteristics
* Reference value
Safety Precautions
Refer to Safety Precautions for All Limit Switches.
Handling
Do not impose a load exceeding 29.42 N on the cable, otherwise the
cable may break. If the cord is to be bent repeatedly, make sure that
the bending radius is at least R20 mm.
Mounting
• Do not tighten the nuts with excessive torque. Refer to the following
for the appropriate tightening torque and mounting dimensions of
each nut.
• The base incorporates special threads that cannot be mounted to
plates with standard tap holes.
• The base may be deformed if it is subjected to an excessive load.
Be careful when mounting the Switch.
Operation
• Do not impose excessive force on the actuator. Even though the
actuator withstands a maximum force of 14.7 N, if the D5B is
repeatedly actuated, make sure that the maximum force imposed
on the actuator is 1.96 N. If the actuator is, however, a wire spring
type, the maximum force imposed must be 0.49 N instead.
• The operating characteristics of the D5B vary with the direction (i.e.,
X, Y, or Z) in which force is imposed. Refer to above.
• The wobble stick model is actuated when force is imposed on the
tip of the wobble stick and the built-in switch unit is closed or
opened. This is different from the NL Limit Touch Switch or D5C
Column Touch Switch in terms of the main mechanism. The NL or
D5C is actuated when the actuator comes into contact with an
actuating object.
• The wobble stick model may break if the stroke is excessive. Make
sure that the total travel (TT) is within the reference value provided
in the datasheet.
• Attach an appropriate cover for protecting the D5B from direct
exposure to sprayed oil or water. No protective cover is, however,
provided together with the D5B.
• The D5B may be damaged by ozone and failures may result if the
D5B is used outdoors. Consult your OMRON representative before
attempting to use the D5B outdoors.
Outdoor environmental conditions may have a bad influence on the
service life of the D5B. Refer to the general precautions of Limit
Switches for details.
Actuator
Hemispheric Plunger
Cone-shaped Plunger
Wobble Stick
Operating direction
Operating
characteristics
Type
M5
M8
M10
M5
M8
M10
M5
M8
M10
Total travel
TT *
X, Y
1.0 mm
1.2 mm
1.3 mm
2.2 mm
3.0 mm
4.0 mm
22 mm
23 mm
30 mm
Z
0.8 mm
0.9 mm
1.0 mm
0.8 mm
0.9 mm
1.0 mm
---
Operating force
OF (max.)
X, Y
0.49 N
0.74 N
0.98 N
0.20 N
0.20 N
0.39 N
0.05 N
Z
0.74 N
0.98 N
1.47 N
0.74 N
0.98 N
1.47 N
---
Permissive operating
force (max.)
X, Y, Z
1.96 N
1.96 N
0.49 N
Pretravel PT *
X, Y
0.6 mm
0.6 mm
0.7 mm
0.6 mm
1.4 mm
2.0 mm
11 mm
11 mm
14 mm
Z
0.3 mm
0.3 mm
0.3 mm
0.3 mm
0.3 mm
0.3 mm
---
---
---
Precautions for Correct Use
Type
Appropriate Tightening Torque
(max.)
M5
0.98 N·m
M8
2.94 N·m
M10
3.92 N·m
Size
Type
M5
M8
M10
A (Mounting
hole size)
5
mm
dia.
8
mm
dia.
10
mm
dia.
B (Panel
thickness)
3 to 7 mm
dia.
4 to 6 mm
dia.
6 to 10 mm
dia.
C (Toothed
lock washer
diameter)
9.2 mm
dia.
15 mm
dia.
18 mm dia.
+0.3
0
+0.3
0
+0.3
0


Similar Part No. - D5B-1015

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
D5BXXXXY1A ANAREN-D5BXXXXY1A Datasheet
239Kb / 2P
   Beryllium Oxide Ceramic
More results

Similar Description - D5B-1015

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SPY312 OMRON-EE-SPY312 Datasheet
365Kb / 5P
   Accurately detects objects placed in front of shiny Background.
logo
Hamamatsu Corporation
C5658_KACC1023E HAMAMATSU-C5658_KACC1023E_15 Datasheet
89Kb / 2P
   Detects optical signals at 1 GHz, with high sensitivity
logo
List of Unclassifed Man...
IQS232 ETC2-IQS232 Datasheet
1Mb / 34P
   Configurable 2 Channel sensor with Compensation for Sensitivity Reducing Objects
logo
Pixart Imaging Inc.
PAJ7025R2 PIXART-PAJ7025R2 Datasheet
819Kb / 12P
   Multiple Objects Tracking Sensor Module
logo
Omron Electronics LLC
E3S-RS30B42-30 OMRON-E3S-RS30B42-30 Datasheet
841Kb / 11P
   Ideal for Detecting Glass Wafers and Other Transparent Objects
E3SR31 OMRON-E3SR31 Datasheet
701Kb / 11P
   Ideal for Detecting Glass Wafers and Other Transparent Objects
logo
Honeywell Accelerometer...
1LS47 HONEYWELL-ACC-1LS47 Datasheet
89Kb / 1P
   SWITCH IS ASSMBLED FOR ACTUATION IN BOTH DIRECTIONS
logo
Marl International Limi...
507-501-2112 MARL-507-501-2112_15 Datasheet
434Kb / 5P
   Ideal for high vibration applications
logo
Infineon Technologies A...
IPD135N08N3G INFINEON-IPD135N08N3G_14 Datasheet
360Kb / 9P
   Ideal for high frequency switching
Rev. 2.2 2014-05-19
logo
Marl International Limi...
240-061-64 MARL-240-061-64_13 Datasheet
202Kb / 4P
   Ideal for high vibration applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com