Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50PT Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part # 50PT
Description  Medium Power Thyristors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

50PT Datasheet(HTML) 5 Page - Nell Semiconductor Co., Ltd

  50PT_14 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 50PT_14 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 50PT_14 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 50PT_14 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 50PT_14 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 50PT_14 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 50PT_14 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
0
20
10
40
50
60
30
0.01
0.1
1
Average on-state current (A)
Pulse train duration (S)
Conduction Period
Page 5 of 7
1100
1000
900
800
700
600
100
90
80
40
20
0
www.nellsemi.com
RMS Limit
30°
60°
90°
120°
180°
DC
50PTS Series
T = 125°C
J
70
60
50
30
10
70
80
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained
Initial T = 125°C
J
No Voltage Reapplied
Rated V
Reapplied
RRM
50PTS Series
500
1200
1300
1400
1500
T = 125°C
J
T = 25°C
J
50PTS Series
100
1
1000
10
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Instantaneous on-state voltage (V)
0.001
0.01
10
1
0.1
0.01
0.1
1
50PT Series
Steady State Value
R
= 0.35K/W
thJ-hs
Fig.5 On-state power loss characteristics
Fig.6 Maximum non-repetitive surge current
Fig.7 Forward voltage drop characteristics
Fig.8 Thermal impedance Z
Characteristics
thJC
Square wave pulse duration
50PTS Series


Similar Part No. - 50PT_14

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
50PT1150AX BOTHHAND-50PT1150AX Datasheet
280Kb / 1P
   50 PIN DIP ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
logo
Nell Semiconductor Co.,...
50PTS10 NELLSEMI-50PTS10 Datasheet
714Kb / 7P
   Medium Power Thyristors
50PTS12 NELLSEMI-50PTS12 Datasheet
714Kb / 7P
   Medium Power Thyristors
50PTS16 NELLSEMI-50PTS16 Datasheet
714Kb / 7P
   Medium Power Thyristors
More results

Similar Description - 50PT_14

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25RIA IRF-25RIA Datasheet
234Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
50PTS NELLSEMI-50PTS_17 Datasheet
714Kb / 7P
   Medium Power Thyristors
logo
International Rectifier
50RIA160S90M IRF-50RIA160S90M Datasheet
231Kb / 9P
   MEDIUM POWER THYRISTORS
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA_13 Datasheet
134Kb / 4P
   MEDIUM POWER THYRISTORS
logo
International Rectifier
VS-22RIA120 IRF-VS-22RIA120 Datasheet
229Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Inchange Semiconductor ...
MCR231A ISC-MCR231A Datasheet
226Kb / 2P
   Medium Power Thyristors
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA Datasheet
326Kb / 4P
   MEDIUM POWER THYRISTORS
logo
International Rectifier
22RIA IRF-22RIA Datasheet
225Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
25PTS NELLSEMI-25PTS_17 Datasheet
277Kb / 6P
   Medium Power Thyristors
logo
International Rectifier
10RIA IRF-10RIA Datasheet
182Kb / 8P
   MEDIUM POWER THYRISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com