Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1L5VJA00S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DS1L5VJA00S
Description  DS1L series, SIP thin film delay lines
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DS1L5VJA00S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DS1L5VJA00S Datasheet HTML 1Page - List of Unclassifed Manufacturers DS1L5VJA00S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS1L series, SIP thin film
delay lines
These delay lines provide timing control to 10 nanosecond in a SIP solder lead
three pin package. Thin film on ceramic construction provide for high reliability and
high bandwidth performance.
SPECIFICATIONS
Electrical
PART NUMBER
Mechanical
Type
Characteristic Impedance
DS1L
Time Delay range
2.25 5.0ns
5.5 10.0ns
50 5
Time Delay Tolerance
0.1 2.0ns
(0.25ns step)
(0.50ns step)
0.050ns (0.10 0.20ns)
0.250ns (5.00 10.0ns)
0.125ns (2.25 5.00ns)
(0.10ns step)
Type
DC Resistance
Storage Temperature
DS1L
Rated Current
100mA
150ppm/ C
Temp. coefficient of Td
Insulation resistance
100M
50V
40
125 C
1.0
/ns max
1
3
2
Time Delay
H
Form
0.1 5.0ns
5.5 10.0ns
6.35max
9.20max
D
V
Equivalent circuit
12.40max
2.54max
H
0.5 0.1
2.54 0.1
0.25typ
3.66max
Operating temperature
10
85 C
3.0 0.5
susumu group catalog
200 M
(dimension:mm)
RoHS compliant
DS1L 5 DJ 200 S (-C)
Lead Frame
Impedance(5 50 )
Part Code, Number of elements
Time Delay(200 2.0ns)
Serial code
Given to RoHS compliant products


Similar Part No. - DS1L5VJA00S

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
DS1 DIT-DS1 Datasheet
948Kb / 2P
   EMI/EMC FILTER
logo
IXYS Corporation
DS1-12D IXYS-DS1-12D Datasheet
34Kb / 1P
   Rectifier Diode Avalanche Diode
logo
Schurter Inc.
DS1-175-0001 SCHURTER-DS1-175-0001 Datasheet
390Kb / 3P
   Storage Choke, fully potted resign
DS1-175-0001 SCHURTER-DS1-175-0001 Datasheet
242Kb / 3P
   Storage Choke, fully potted resign
DS1-175-0001 SCHURTER-DS1-175-0001_17 Datasheet
242Kb / 3P
   Storage Choke, fully potted resign
More results

Similar Description - DS1L5VJA00S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DL1L5XK260S ETC1-DL1L5XK260S Datasheet
72Kb / 2P
   DS1L series, SIP thin film delay lines
BL1L5NT250ST1 ETC2-BL1L5NT250ST1 Datasheet
94Kb / 2P
   series, ball-grid-array thin film delay lines
logo
PCA ELECTRONICS INC.
EP9910-XX PCA-EP9910-XX Datasheet
17Kb / 1P
   Mini SIP Passive Delay Lines
EP9910N-1A PCA-EP9910N-1A Datasheet
41Kb / 1P
   Mini SIP Passive Delay Lines
EP9910 PCA-EP9910_15 Datasheet
18Kb / 1P
   Mini SIP Passive Delay Lines
EP9910N PCA-EP9910N_15 Datasheet
41Kb / 1P
   Mini SIP Passive Delay Lines
logo
List of Unclassifed Man...
4600T ETC1-4600T Datasheet
140Kb / 2P
   THIN FILM CONFORMAL SIP
logo
Bourns Electronic Solut...
4311T-101-2222BAAL BOURNS-4311T-101-2222BAAL Datasheet
203Kb / 2P
   Thin Film Molded SIP
4300T BOURNS-4300T Datasheet
186Kb / 2P
   Thin Film Molded SIP
logo
RCD COMPONENTS INC.
SP10-10NS-50RBW RCD-SP10-10NS-50RBW Datasheet
123Kb / 1P
   PASSIVE DELAY LINES, TAPPED, SIP PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com