Electronic Components Datasheet Search |
|
DF11-26DS-2DSA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
DF11-26DS-2DSA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 14 page 103 2mm Double-Row Connector (Product Compliant to UL/CSA Standard) DF11 Series sFeatures 1. Space-saving on Board Realized Double rows of 2mm pitch contact has been condensed within the 5mm width. The multiple number of signals can be secured in the same space as the conventional 2mm single-row contact. 2. Broad Variation The insulation displacement and crimping methods are prepared for connection. Thus, board to cable, in-line, board to board connectors are provided in order to widen a board design variation. In addition, "Gold" or "Tin" can be selected for the plating according application, while the SMT products line up. 3. Applicable Wire Covers Wide Range According to the double rows of 2mm pitch compact design, the applicable wire can cover AWG22 to 30. 4. The ID Type Connector Achieves Connection Work. Using the full automatic insulation displacement machine, the complicated multi-harness can be easily connected, reducing the man-hour and eliminating the manual work process. Rib to prevent mis-insertion Simple lock Rib to prevent contact mis-insertion as well as disimilar contact mis-insertion 4 wall box style 5mm The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. |
Similar Part No. - DF11-26DS-2DSA |
|