Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IAA170P Datasheet(PDF) 1 Page - Clare, Inc.

Part # IAA170P
Description  Integrated Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IAA170P Datasheet(HTML) 1 Page - Clare, Inc.

  IAA170P Datasheet HTML 1Page - Clare, Inc. IAA170P Datasheet HTML 2Page - Clare, Inc. IAA170P Datasheet HTML 3Page - Clare, Inc. IAA170P Datasheet HTML 4Page - Clare, Inc. IAA170P Datasheet HTML 5Page - Clare, Inc. IAA170P Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.clare.com
IAA170P
DS-IAA170P-R1
The IAA170P multifunction switch combines 350V,
100mA, 50
Ω relay(s) and optocoupler(s) into a single
package. Various combinations are available depending
on the part number. This switch provides an ideal way to
consolidate functionality into a single package.
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket Size)
Hookswitch
Dial Pulsing
Ground Start
Ringer Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
Tape & Reel Versions Available
UL Recognized: File Number E76270
CSA Certified: File Number LR 43639-12
VDE Compatible
BSI Certified:
BS EN 60950:1992 (BS7002:1992)
Certificate #:7969
BS EN 41003:1993
Certificate #:7969
Three Functions in One Package
Small 16 Pin SOIC Package (PCMCIA Compatible)
Bi-Directional Current Sensing
Bi-Directional Current Switching
Replaces up to Three or Four Components
3750V
RMS Input/Output Isolation
FCC Compatible
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Applications
Features
Description
Approvals
Integrated Circuits
Ordering Information
Part #
Description
IAA170P
16 Pin SOIC (50/Tube)
IAA170PTR
16 Pin SOIC (1000/Reel)
IAA170P
Units
Load Voltage
350
V
Load Current
100
mA
Max R
ON
50
Pin Configuration
Switching Characteristics of
Normally Closed (Form B) Devices
CONTROL
10ms
10%
90%
90%
+
+
TON
TOFF
+
Switching Characteristics of
Normally Open (Form A) Devices
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
IAA170P Pinout
(N/C)
(N/C)
(Form A)
(Form A)
1
2
3
4
16
15
14
13
5
6
7
8
12
11
10
9
1. (N/C)
2. + LED - Form A Relay #1
3. – LED - Form A Relay #1
4. + LED - Form A Relay #2
5. – LED - Form A Relay #2
6. Emitter - Phototransistor
7. Collector - Phototransistor
8. (N/C)
9. LED - Phototransistor +/–
10. LED - Phototransistor –/+
11. Output - Form A Relay #2
12. Common Source Relay #2
13. Output - Form A Relay #2
14. Output - Form A Relay #1
15. Common Source Relay #1
16. Output - Form A Relay #1


Similar Part No. - IAA170P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IAA110 CLARE-IAA110 Datasheet
402Kb / 6P
   Integrated Telecom Circuits
IAA110P CLARE-IAA110P Datasheet
402Kb / 6P
   Integrated Telecom Circuits
IAA110P CLARE-IAA110P Datasheet
215Kb / 5P
   Integrated Telecom Circuits
logo
IXYS Corporation
IAA110P IXYS-IAA110P Datasheet
118Kb / 6P
   Integrated Telecom Circuits
logo
Clare, Inc.
IAA110PTR CLARE-IAA110PTR Datasheet
402Kb / 6P
   Integrated Telecom Circuits
More results

Similar Description - IAA170P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC660L ETC-MC660L Datasheet
557Kb / 8P
   INTEGRATED CIRCUITS
logo
NXP Semiconductors
CBT6832 PHILIPS-CBT6832 Datasheet
59Kb / 8P
   INTEGRATED CIRCUITS
2000 Jul 18
logo
Motorola, Inc
MC853 MOTOROLA-MC853 Datasheet
665Kb / 9P
   INTEGRATED CIRCUITS
logo
Kwazar-IS
140UD26A KWAZAR-140UD26A Datasheet
185Kb / 2P
   Integrated circuits
140UD25A KWAZAR-140UD25A Datasheet
1Mb / 2P
   Integrated circuits
logo
List of Unclassifed Man...
LC93300A ETC1-LC93300A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
logo
Clare, Inc.
IAD170P CLARE-IAD170P Datasheet
92Kb / 6P
   Integrated Circuits
logo
Kwazar-IS
525PC2A KWAZAR-525PC2A Datasheet
189Kb / 2P
   Integrated circuits
logo
Clare, Inc.
ITC100P CLARE-ITC100P Datasheet
392Kb / 4P
   Integrated Telecom Circuits
ITC107P CLARE-ITC107P Datasheet
394Kb / 4P
   Integrated Telecom Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com