Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF624G-TN3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UF624G-TN3-R
Description  4.4 A, 250 V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF624G-TN3-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UF624G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UF624G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UF624G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UF624G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UF624G-TN3-R Datasheet HTML 5Page - Unisonic Technologies UF624G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
UF624
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-855.a
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UF624G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF624Z UTC-UF624Z Datasheet
221Kb / 7P
   4.4A, 250V N-CHANNEL POWER MOSFET
UF624ZG-TN3-R UTC-UF624ZG-TN3-R Datasheet
221Kb / 7P
   4.4A, 250V N-CHANNEL POWER MOSFET
UF624ZG-TN3-T UTC-UF624ZG-TN3-T Datasheet
221Kb / 7P
   4.4A, 250V N-CHANNEL POWER MOSFET
UF624ZL-TN3-R UTC-UF624ZL-TN3-R Datasheet
221Kb / 7P
   4.4A, 250V N-CHANNEL POWER MOSFET
UF624ZL-TN3-T UTC-UF624ZL-TN3-T Datasheet
221Kb / 7P
   4.4A, 250V N-CHANNEL POWER MOSFET
More results

Similar Description - UF624G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD6N25TM FAIRCHILD-FQD6N25TM Datasheet
859Kb / 8P
   N-Channel QFET MOSFET 250 V, 4.4 A, 1.0
logo
STMicroelectronics
STP5N52K3 STMICROELECTRONICS-STP5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
STD5N52K3 STMICROELECTRONICS-STD5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
logo
ON Semiconductor
NTBLS4D0N15MC ONSEMI-NTBLS4D0N15MC Datasheet
300Kb / 8P
   MOSFET ??Single N-Channel 150 V, 4.4 m, 187 A
April, 2020 ??Rev. 3
logo
MagnaChip Semiconductor...
MDD5N50G MGCHIP-MDD5N50G Datasheet
773Kb / 6P
   N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
MDD5N50 MGCHIP-MDD5N50 Datasheet
971Kb / 6P
   N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
MDIS5N50 MGCHIP-MDIS5N50 Datasheet
966Kb / 6P
   N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
logo
ON Semiconductor
NVMJS1D6N06CL ONSEMI-NVMJS1D6N06CL Datasheet
364Kb / 7P
   MOSFET ??Power, Single N-Channel 60 V, 1.36 m, 250 A
July, 2019 ??Rev. 1
logo
Kersemi Electronic Co.,...
KSMD4N25 KERSEMI-KSMD4N25 Datasheet
3Mb / 8P
   N-Channel MOSFET 250 V, 3 A, 1.75廓
KSMU4N25 KERSEMI-KSMU4N25 Datasheet
3Mb / 8P
   N-Channel MOSFET 250 V, 3 A, 1.75廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com